Electronic Components Datasheet Search
  English  ▼

X  

C1815 Datasheet(PDF) 1 Page - Weitron Technology

Part # C1815
Description  NPN Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

C1815 Datasheet(HTML) 1 Page - Weitron Technology

  C1815 Datasheet HTML 1Page - Weitron Technology C1815 Datasheet HTML 2Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.weitron.com.tw
WEITRON
Lead(Pb)-Free
P b
1/2
23-Nov-06
NPN Plastic-Encapsulate Transistors
C1815
FEATURES
Power dissipation
MAXIMUM RATINGS* TA=25
℃ unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
150
mA
PD
Total Device Dissipation
400
mW
TJ, Tstg
Junction and Storage Temperature
-55-150
℃
*These ratings are limiting values above which the serviceability
of any semiconductor device may be impaired.
ELECTRICAL
CHARACTERISTICS(Tamb=25℃
unless
otherwise
specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= 100 uA, IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= 0. 1 mA, IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 100 uA, IC=0
5
V
Collector cut-off current
ICBO
VCB= 60
V ,
IE=0
0.1
uA
Collector cut-off current
ICEO
VCE= 50
V ,
IB=0
0.1
uA
Emitter cut-off current
IEBO
VEB= 5
V, IC=0
0.1
uA
DC current gain
hFE(1)
VCE= 6 V, IC= 2mA
70
700
Collector-emitter saturation voltage
VCE(sat)
IC= 100mA, IB= 10 mA
0.25
V
Base-emitter saturation voltage
VBE(sat)
IC= 100 mA, IB= 10mA
1
V
Transition frequency
fT
VCE= 10 V, IC= 1mA
f=30MHz
80
MHz
Collector Output Capacitance
Cob
VCB=10V,IE=0
f=1MHZ
3.5
pF
Noise Figure
NF
VCE= 6 V, IC=0.1 mA
f =1KHz,RG=10K
10
dB
CLASSIFICATION OF
hFE(1)
Rank
O
Y
GR
BL
Range
70-140
120-240
200-400
350-700
1 2 3
TO—92
1.EMITTER
2.COLLECTOR
3.BASE


Similar Part No. - C1815

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
C1815 TOSHIBA-C1815 Datasheet
212Kb / 3P
Silicon NPN Epitaxail Type(for Audio Frequency General Purpose Amplifier Applications)
10-Apr-1997
logo
Unisonic Technologies
C1815 UTC-C1815 Datasheet
61Kb / 2P
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
logo
Fairchild Semiconductor
C1815 FAIRCHILD-C1815 Datasheet
44Kb / 4P
Audio Frequency Amplifier & High Frequency OSC
logo
Hi-Sincerity Mocroelect...
C1815 HSMC-C1815 Datasheet
35Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
Micro Electronics
C1815 MICRO-ELECTRONICS-C1815 Datasheet
168Kb / 2P
NPN SILICON TRANSISTOR
More results

Similar Description - C1815

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC337-16 MCC-BC337-16 Datasheet
125Kb / 3P
NPN Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
S9018T SECOS-S9018T Datasheet
110Kb / 1P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
BCX55 MCC-BCX55 Datasheet
298Kb / 3P
NPN Plastic-Encapsulate Transistors
KTC4075-O MCC-KTC4075-O Datasheet
311Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Bruckewell Technology L...
A42 BWTECH-A42 Datasheet
540Kb / 4P
NPN Plastic-Encapsulate Transistors
S9014 BWTECH-S9014 Datasheet
327Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC2712-O MCC-2SC2712-O_13 Datasheet
277Kb / 3P
NPN Plastic-Encapsulate Transistors
2SC2859-O MCC-2SC2859-O Datasheet
364Kb / 2P
NPN Plastic-Encapsulate Transistors
MMDT2222A MCC-MMDT2222A_13 Datasheet
282Kb / 5P
NPN Plastic-Encapsulate Transistors
MMDT4401 MCC-MMDT4401_13 Datasheet
387Kb / 3P
NPN Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com