Electronic Components Datasheet Search
  English  ▼

X  

KBP2005 Datasheet(PDF) 3 Page - Weitron Technology

Part # KBP2005
Description  Glass Passivated Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

KBP2005 Datasheet(HTML) 3 Page - Weitron Technology

  KBP2005 Datasheet HTML 1Page - Weitron Technology KBP2005 Datasheet HTML 2Page - Weitron Technology KBP2005 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WEITRON
http://www.weitron.com.tw
KBP2005 thru KBP210
3/3
NUMBER OF CYCLES AT 60Hz
Fig.2 Maximum Non-repetitive Peak Forward
Surge Current Per Bridge Element
1
10
100
60
45
30
15
0
Fig.4 Typical Instantaneous Forward
Per Bridge Element
INSTANTANEOUS FORWARD VOLTAGE (V)
0.4
0.6
0.8
1.0
1.2
1.4
TJ = 25°C
PULSE WIDTH = 300µs
1 % DUTY CYCLE
0.01
0.1
1.0
10
PERCENT OF RATED PEAK REVERSE VOLTS (%)
Fig.3 Typical Reverse Characteristics
AMBIENT TEMPERATURE (°C)
Fig.1 Typical Forward Current Derating Curve
0
25
50
75
100
125
150
SINGLE PHASE HALF WAVE
60Hz RESISTIVE OR
INDUCTIVE LOAD
2.0
1.5
1.0
0.5
0
Ratings and Characteristics Curves
0
0.01
20
40
60
80
0.1
1.0
10
120
100
140
TJ = 25°C
TJ = 25°C
Rev.A 10-Dec-2010



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com