Electronic Components Datasheet Search
  English  ▼

X  

MJD41C Datasheet(PDF) 1 Page - Weitron Technology

Part # MJD41C
Description  NPN PLASTIC ENCAPSULATE TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MJD41C Datasheet(HTML) 1 Page - Weitron Technology

  MJD41C Datasheet HTML 1Page - Weitron Technology MJD41C Datasheet HTML 2Page - Weitron Technology MJD41C Datasheet HTML 3Page - Weitron Technology MJD41C Datasheet HTML 4Page - Weitron Technology MJD41C Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MJD41C
D-PAK(TO-252)
NPN PLASTIC ENCAPSULATE TRANSISTORS
1.BASE
2.COLLECTOR
3.EMITTER
1
2
3
WEITRON
http://www.weitron.com.tw
1/5
19-Nov-09
Lead(Pb)
Features:
-Free
P b
ABSOLUTE MAXIMUM RATINGS (TA=25˚C)
Collector-Base Voltage
Collector-Emitter Voltage
Emitter-Base Voltage
Symbol
Value
Unit
Rating
Tj
PD
100
100
5.0
6.0
1.25
Collector Power Dissipation
IC
˚C
˚C
W
Storage Temperature Range
Tstg
+150
-65 to +150
Collector Current
VCBO
VCEO
VEBO
A
V
V
V
Junction Temperature
* Designed for general purpose ampli er and low speed
switching applications.
* Monolithic Construction With Built–in Base–Emitter Resistors.


Similar Part No. - MJD41C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD41C ONSEMI-MJD41C Datasheet
195Kb / 6P
Complementary Power Transistors
August, 2004 ??Rev. 5
logo
Fairchild Semiconductor
MJD41C FAIRCHILD-MJD41C Datasheet
47Kb / 5P
General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
logo
ON Semiconductor
MJD41C ONSEMI-MJD41C Datasheet
78Kb / 6P
Complementary Power Transistors
January, 2006 ??Rev. 6
logo
Guangdong Kexin Industr...
MJD41C KEXIN-MJD41C Datasheet
46Kb / 2P
Complementary Power Transistors
logo
ON Semiconductor
MJD41C ONSEMI-MJD41C Datasheet
123Kb / 6P
Complementary Power Transistors
January, 2011 ??Rev. 9
More results

Similar Description - MJD41C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC337-16 MCC-BC337-16 Datasheet
125Kb / 3P
NPN Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
S9018T SECOS-S9018T Datasheet
110Kb / 1P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
BCX55 MCC-BCX55 Datasheet
298Kb / 3P
NPN Plastic-Encapsulate Transistors
KTC4075-O MCC-KTC4075-O Datasheet
311Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Bruckewell Technology L...
A42 BWTECH-A42 Datasheet
540Kb / 4P
NPN Plastic-Encapsulate Transistors
S9014 BWTECH-S9014 Datasheet
327Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC2712-O MCC-2SC2712-O_13 Datasheet
277Kb / 3P
NPN Plastic-Encapsulate Transistors
2SC2859-O MCC-2SC2859-O Datasheet
364Kb / 2P
NPN Plastic-Encapsulate Transistors
MMDT2222A MCC-MMDT2222A_13 Datasheet
282Kb / 5P
NPN Plastic-Encapsulate Transistors
MMDT4401 MCC-MMDT4401_13 Datasheet
387Kb / 3P
NPN Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com