Electronic Components Datasheet Search
  English  ▼

X  

MM17 Datasheet(PDF) 2 Page - Weitron Technology

Part # MM17
Description  Surface Mount Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MM17 Datasheet(HTML) 2 Page - Weitron Technology

  MM17 Datasheet HTML 1Page - Weitron Technology MM17 Datasheet HTML 2Page - Weitron Technology MM17 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MM17 thru MM110
WE IT R ON
Maximum Ratings and Electrical Characteristics
Characteristics
MM17 MM18 MM19 MM105
MM110
MM108
MM106
Symbol
Unit
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
0.375" (9.5 mm) Lead Length
Peak Forward Surge Current,
8.3 ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
Maximum Instantaneous At 1.0A DC
Maximum DC Reverse Current @Tj=25 C
At Rated DC Blocking Voltage @Tj=75 C
Typical Junction Capacitance (Note 1)
Typical Thermal Resistance (Note 2)
Operating Temperature Range
Storage Temperature Range
V
V
V
A
A
V
mA
C
C
Rating 25 C Ambient Temperature Unless Otherwise Specified.
Single Phase Half Wave, 60Hz , Resistive or Inductive Load.
For Capacitive Load, Derate Current by 20%.
VRRM
VRMS
VDC
IF (AV)
IFSM
VF
IR
CJ
R JL
T J
T STG
20
14
20
30
21
30
40
28
40
50
35
50
100
80
100
80
56
80
60
42
60
-55 to+150
-55 to+125
-55 to+150
P
F
C/W
NOTES:1.Measured at 1.0MHz applied reverse voltage of 4.0V DC.
2.Thermal resistance junction to ambient 0.24" X 0.24"(6 X 6 mm) copper pads to each terminals
1.0
40
0.55
0.7
0.85
0.5
10
110
75
WEITRON
http://www.weitron.com.tw
26-Jan-2011
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com