Electronic Components Datasheet Search
  English  ▼

X  

ACE3000 Datasheet(PDF) 1 Page - Lineage Power Corporation

Part # ACE3000
Description  3 Bay / 9 Kilowatt Power Shelf
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ACE3000 Datasheet(HTML) 1 Page - Lineage Power Corporation

  ACE3000 Datasheet HTML 1Page - Lineage Power Corporation ACE3000 Datasheet HTML 2Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features:
www.lineagepower.com/oem
Lineage Power
Lineage Power
Lineage Power (China)
3000 Skyline Dr.
2841 Dow Avenue
1353 Chenqiao Road, Shanghai Sengpu Industrial Park
Mesquite, TX 75149
Tustin, CA 92780 USA
Shanghai, 201401 China
Phone: (972) 284-2000
Phone: (714) 544-6665
Phone: 021 6710 8910
ACE3000
3 Bay / 9 Kilowatt Power Shelf
rev 100506
• 3U High
• Up to 9,000W in a 19” Rack
• Single & Three Phase Input Models
• Fits 3 Hot-Plug / N+1 Redundant Rectifiers
• Current Sharing and Remote Sensing
• World-wide safety approvals
• Optional 1U Controller Available
KEY MARKETS & APPLICATIONS
• Central Office
• Cellular Base Stations
• Telecom Access Nodes
• Wireless
• Satellite Hubs
• RF Amplifiers
• Broadband Switchers
• PCS Installations
• XDSL Access Networks
• Factory Automation
FEATURES
BENEFITS
Single wire current sharing
Provide system stress balancing and increases reliability
Constant power characteristic
Better suited for battery charging applications
No Minimum Load
Eliminates need for pre-load resistors. Reduces cost of ownership.
Optional 1U High Controller
Addresses telecom application requirements for redundant operation
SPECIFICATIONS
9,000 Watt Power Shelf for CAR3000 Front End Modules
Rack Model Number
ACE303
ACE303N
ACE333
ACE333N
Rectifier Module Part Number
CAR3010L1-1A
CAR3010K1-1A
CAR3010L1N-1A
CAR3010K1N-1A
CAR3030L1-1A
CAR3030K1-1A
CAR3030L1N-1A
CAR3030K1N-1A
Voltage Range
+43.2~52.8 VDC
+21.6~26.4 VDC
-43.2~52.8 VDC
-21.6~26.4 VDC
+43.2~52.8 VDC
+21.6~26.4 VDC
-43.2~52.8 VDC
-21.6~26.4 VDC
Output Current
187.5A @ +48Vout
375A @ +24Vout
187.5A @ -48Vout
375A @ -24Vout
187.5A @ +48Vout
375A @ +24Vout
187.5A @ -48Vout
375A @ -24Vout
Input Voltage
Single Phase 180-264 VAC / 47-63 Hz
Three Phase 180-264 VAC / 47-63 Hz
Maximum Input Current (per module)
19A @ Full Load and 180 VAC Operation (per module)
11A per phase @ Full Load and 180 VAC Operation (per module)
Maximum Output Power
9,000 Total Output Power (6,000 Watts Redundant Output Power)
AC Input Feeds
Individual Input Feeds for each rectifier for 4mm2 cable
Input Protection
Each CAR rectifier module is equipped with it's own internal fuse
Efficiency
90% typical at 230VAC
Regulation (Line & Load)
+/- 0.5% of V1
Ripple & Noise
1% of V1 (pk-pk) - using 10µF tantalum cap. and 0.1µF ceramic cap.
Load Sharing
Single wire. +/- 5% of nominal current
DC Bus
Rectifiers connected in parallel. Floating bus with common "+". Maximum current is 250A
Status Indicators
DC Good and Temperature OK (Green), AC Good (Amber)
Alarm Signals
Over Temperature, Over/Under Voltage, No Power, Module not present
Battery Interface
RJ45 signal connector per rectifier. RS232 for programming via laptop (with Controller).
Temperature Range
0 to 50°C at rated output power. Derates linearly to 60°C at 2.2% per °C
Shock & Vibration
Per MIL STD-810F, NEBS Compliant to GR 63 Core
EMI / EMC
Meets EN61000-3-2, -3 CISPR22 and FCC Part 15 Class A, Bellcore GR-1089-Core
Safety Approvals
UL: 478, 1012, 1950; CSA 22.2 No. 650; IEC: 380, 435, 950; VDE: 0804, 0806; & CE Mark (LVD)
Dimensions
Chassis Measures 16.00”/406.4mm (depth) x 17.165”/436.0mm (width) x 5.12”/132.1mm (height)


Similar Part No. - ACE3000

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ACE3000T LINEAGEPOWER-ACE3000T Datasheet
820Kb / 2P
3 Bay / 9 Kilowatt Power Shelf
More results

Similar Description - ACE3000

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ACE125RUW48 LINEAGEPOWER-ACE125RUW48 Datasheet
808Kb / 2P
5 Bay / 6 Kilowatt Power Shelf
ACE254RUW48 LINEAGEPOWER-ACE254RUW48 Datasheet
927Kb / 2P
4 Bay / 10 Kilowatt Power Shelf
ACE3000T LINEAGEPOWER-ACE3000T Datasheet
820Kb / 2P
3 Bay / 9 Kilowatt Power Shelf
ACE4000 LINEAGEPOWER-ACE4000 Datasheet
806Kb / 2P
3 Bay / 12 Kilowatt Power Shelf
logo
Molex Electronics Ltd.
34787-3004 MOLEX11-34787-3004 Datasheet
49Kb / 2P
HS Stac??Right Angle 3 Bay Header Assembly, Bay 1 - High Speed, Polarization D, Bay 2 - High Speed, Polarization A, Bay 3 - High Speed, Polarization E
logo
Protek Devices
SM10KW PROTEC-SM10KW_15 Datasheet
430Kb / 6P
60 KILOWATT TVS COMPONENTS
SM10KW10A PROTEC-SM10KW10A Datasheet
439Kb / 6P
60 KILOWATT TVS COMPONENTS
logo
API Technologies Corp
1467 APITECH-1467 Datasheet
518Kb / 1P
1 Kilowatt Peak Power
logo
Molex Electronics Ltd.
0347630001 MOLEX1-0347630001 Datasheet
46Kb / 2P
CMC Header 154 Circuits, 3-Bay (Bay-X 48 Circuits; Bay-Y 53 Circuits; Bay-Z 53 Circuits)
0347873004 MOLEX1-0347873004 Datasheet
43Kb / 2P
HS Stac Right-Angle 3 Bay Header Assembly, Bay 1 - High Speed, Polarization D, Bay 2 - High Speed, Polarization A, Bay 3 - High Speed, Polarization E
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com