Electronic Components Datasheet Search
  English  ▼

X  

ACE4000 Datasheet(PDF) 1 Page - Lineage Power Corporation

Part # ACE4000
Description  3 Bay / 12 Kilowatt Power Shelf
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ACE4000 Datasheet(HTML) 1 Page - Lineage Power Corporation

  ACE4000 Datasheet HTML 1Page - Lineage Power Corporation ACE4000 Datasheet HTML 2Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features:
www.lineagepower.com/oem
Lineage Power
Lineage Power
Lineage Power (China)
3000 Skyline Dr.
2841 Dow Avenue
1353 Chenqiao Road, Shanghai Sengpu Industrial Park
Mesquite, TX 75149
Tustin, CA 92780 USA
Shanghai, 201401 China
Phone: (972) 284-2000
Phone: (714) 544-6665
Phone: 021 6710 8910
ACE4000
3 Bay / 12 Kilowatt Power Shelf
rev 100506
• 3U High
• Up to 12,000W in a 19” Rack
• Single & Three Phase Input Models
• Fits 3 Hot-Plug / N+1 Redundant Rectifiers
• Current Sharing and Remote Sensing
• World-wide safety approvals
• Optional 1U Controller Available
KEY MARKETS & APPLICATIONS
• Central Office
• Cellular Base Stations
• Telecom Access Nodes
• Wireless
• Satellite Hubs
• RF Amplifiers
• Broadband Switchers
• PCS Installations
• XDSL Access Networks
• Factory Automation
FEATURES
BENEFITS
Single wire current sharing
Provide system stress balancing and increases reliability
Constant power characteristic
Better suited for battery charging applications
No Minimum Load
Eliminates need for pre-load resistors. Reduces cost of ownership.
Optional 1U High Controller
Addresses telecom application requirements for redundant operation
SPECIFICATIONS
12,000 Watt Power Shelf for CAR4000 Front End Modules
Rack Model Number
ACE403
ACE403N
ACE433
ACE433N
Rectifier Module Part Number
CAR4010L1-1A
CAR4010K1-1A
CAR4010L1N-1A
CAR4010K1N-1A
CAR4030L1-1A
CAR4030K1-1A
CAR4030L1N-1A
CAR4030K1N-1A
Voltage Range
+43.2~52.8 VDC
+21.6~26.4 VDC
-43.2~52.8 VDC
-21.6~26.4 VDC
+43.2~52.8 VDC
+21.6~26.4 VDC
-43.2~52.8 VDC
-21.6~26.4 VDC
Output Current
250A @ +48Vout
500A @ +24Vout
250A @ -48Vout
500A @ -24Vout
250A @ +48Vout
500A @ +24Vout
250A @ -48Vout
500A @ -24Vout
Input Voltage
Single Phase 180-264 VAC / 47-63 Hz
Three Phase 180-264 VAC / 47-63 Hz
Maximum Input Current (per module)
25A @ Full Load and 180 VAC Operation (per module)
15A per phase @ Full Load and 180 VAC Operation (per module)
Maximum Output Power
12,000 Total Output Power (8,000 Watts Redundant Output Power)
AC Input Feeds
Individual Input Feeds for each rectifier for 4mm2 cable
Input Protection
Each CAR rectifier module is equipped with it's own internal fuse
Efficiency
90% typical at 230VAC
Regulation (Line & Load)
+/- 0.5% of V1
Ripple & Noise
1% of V1 (pk-pk) - using 10µF tantalum cap. and 0.1µF ceramic cap.
Load Sharing
Single wire. +/- 5% of nominal current
DC Bus
Rectifiers connected in parallel. Floating bus with common "+". Maximum current is 250A
Status Indicators
DC Good and Temperature OK (Green), AC Good (Amber)
Alarm Signals
Over Temperature, Over/Under Voltage, No Power, Module not present
Battery Interface
RJ45 signal connector per rectifier. RS232 for programming via laptop (with Controller).
Temperature Range
0 to 50°C at rated output power. Derates linearly to 60°C at 2.2% per °C
Shock & Vibration
Per MIL STD-810F, NEBS Compliant to GR 63 Core
EMI / EMC
Meets EN61000-3-2, -3 CISPR22 and FCC Part 15 Class A, Bellcore GR-1089-Core
Safety Approvals
UL: 478, 1012, 1950; CSA 22.2 No. 650; IEC: 380, 435, 950; VDE: 0804, 0806; & CE Mark (LVD)
Dimensions
Chassis Measures 18.00”/457.2mm (depth) x 17.165”/436.0mm (width) x 5.12”/132.1mm (height)


Similar Part No. - ACE4000

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4010M ACE-ACE4010M Datasheet
541Kb / 7P
N-Channel 100-V MOSFET
VER 1.1
ACE4010M200P ACE-ACE4010M200P Datasheet
697Kb / 7P
P-Channel 100-V MOSFET
VER 1.1
ACE4054 ACE-ACE4054 Datasheet
252Kb / 15P
Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.2
ACE4054 ACE-ACE4054 Datasheet
1,000Kb / 18P
Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.4
ACE4054BN+H ACE-ACE4054BN+H Datasheet
252Kb / 15P
Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.2
More results

Similar Description - ACE4000

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ACE125RUW48 LINEAGEPOWER-ACE125RUW48 Datasheet
808Kb / 2P
5 Bay / 6 Kilowatt Power Shelf
ACE254RUW48 LINEAGEPOWER-ACE254RUW48 Datasheet
927Kb / 2P
4 Bay / 10 Kilowatt Power Shelf
ACE3000 LINEAGEPOWER-ACE3000 Datasheet
806Kb / 2P
3 Bay / 9 Kilowatt Power Shelf
ACE3000T LINEAGEPOWER-ACE3000T Datasheet
820Kb / 2P
3 Bay / 9 Kilowatt Power Shelf
logo
Molex Electronics Ltd.
34708-3088 MOLEX11-34708-3088 Datasheet
60Kb / 2P
Stac64??3 Bay Right Angle Headers, 40 Circuits, Bay A 12 Circuit Signal Header, Polarization A, Black; Bay B 16 Circuit Signal Header, Polarization B, Gray; Bay C 12 Circuit Signal Header, Polarization B, Tray
logo
Axiomtek Co., Ltd.
EMC1200R AXIOMTEK-EMC1200R Datasheet
564Kb / 4P
12-Bay Media Converter System
logo
Protek Devices
SM10KW10A PROTEC-SM10KW10A Datasheet
439Kb / 6P
60 KILOWATT TVS COMPONENTS
logo
API Technologies Corp
1467 APITECH-1467 Datasheet
518Kb / 1P
1 Kilowatt Peak Power
logo
Advantech Co., Ltd.
ASR-3272 ADVANTECH-ASR-3272 Datasheet
1Mb / 2P
2U 12-bay Storage Server
logo
Molex Electronics Ltd.
0347630001 MOLEX1-0347630001 Datasheet
46Kb / 2P
CMC Header 154 Circuits, 3-Bay (Bay-X 48 Circuits; Bay-Y 53 Circuits; Bay-Z 53 Circuits)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com