Electronic Components Datasheet Search
  English  ▼

X  

MUN2113 Datasheet(PDF) 3 Page - Weitron Technology

Part # MUN2113
Description  Bias Resistor Transistor PNP Silicon
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MUN2113 Datasheet(HTML) 3 Page - Weitron Technology

  MUN2113 Datasheet HTML 1Page - Weitron Technology MUN2113 Datasheet HTML 2Page - Weitron Technology MUN2113 Datasheet HTML 3Page - Weitron Technology MUN2113 Datasheet HTML 4Page - Weitron Technology MUN2113 Datasheet HTML 5Page - Weitron Technology MUN2113 Datasheet HTML 6Page - Weitron Technology MUN2113 Datasheet HTML 7Page - Weitron Technology MUN2113 Datasheet HTML 8Page - Weitron Technology MUN2113 Datasheet HTML 9Page - Weitron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
(V =5.0V,V =3.5V, R =1.0k )
(V =5.0V,V =5.5V, R =1.0k )
(V =5.0V,V =4.0V, R =1.0k )
(V =5.0V,V =0.05V, R =1.0k )
(V =5.0V,V =0.25V, R =1.0k )
(V =5.0V,V =0.5V, R =1.0k )
WEITRON
http://www.weitron.com.tw
MUN2111 Series
Characteristics
Symbol
Min
Max
Unit
Typ
Electrical Characteristics (TA=25 C Unless Otherwise noted)
DC Current Gain
(VCE=-10V, I =-5.0mA)
Output Voltage(on)
(VCC=5.0V,V =2.5V, R =1.0k )
h
On Characteristics
35
60
80
80
160
160
8.0
3.0
15
80
80
80
80
120
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
60
100
140
140
250
250
15
5.0
27
140
130
150
140
250
C
B
L
B
L
(2)
FE
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
4.9
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Vdc
Vdc
2. Pulse Test: Pulse Width 300 us, Duty Cycle 2.0%
CC
L
B
CC
L
B
CC
VOL
VOH
Output Voltage(off)
WE IT R ON
Ω
Ω
L
B
CC
Ω
L
B
CC
Ω
L
B
CC
Ω
Ω
Ω
MUN2111
MUN2112
MUN2113
MUN2114
MUN2115
MUN2116
MUN2130
MUN2131
MUN2132
MUN2133
MUN2134
MUN2136
MUN2137
MUN2140
MUN2111
MUN2112
MUN2113
MUN2114
MUN2115
MUN2116
MUN2115
MUN2116
MUN2130
MUN2130
MUN2131
MUN2132
MUN2131
MUN2132
MUN2133
MUN2134
MUN2136
MUN2137
MUN2140
MUN2140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com