Electronic Components Datasheet Search
  English  ▼

X  

S3AB Datasheet(PDF) 3 Page - Weitron Technology

Part # S3AB
Description  General Purpose Rectifiers Surface Mount D evice
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

S3AB Datasheet(HTML) 3 Page - Weitron Technology

  S3AB Datasheet HTML 1Page - Weitron Technology S3AB Datasheet HTML 2Page - Weitron Technology S3AB Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
S3AB thru S3MB
WEITRON
http://www.weitron.con.tw
3/3
15-Sep-2010
FIG. 1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG. 2-TYPICAL FORWARD CHARACTERISTICS
FIG. 3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
FIG. 5-TYPICAL REVERSE CHARACTERISTICS
FIG. 4-TYPICAL JUNCTION CAPACITANCE
0
1
2
3
4
5
0
20
40
60
80
100
120
140
160
180
AMBIENT TEMPERATURE(℃)
0
20
40
60
80
100
120
0
0
1
0
1
1
NUMBER OF CYCLES AT 60Hz
0.0
20.0
40.0
60.0
80.0
100.0
0
1
10
100
REVERSE VOLTAGE (V)
0.01
0.10
1.00
10.00
100.00
20%
40%
60%
80%
100%
PERCENTAGE RATED PEAK REVERSE VOLTAGE (%)
25℃
100℃
0.01
0.10
1.00
10.00
100.00
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
FORWARD VOLTAGE (V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com