Electronic Components Datasheet Search
  English  ▼

X  

S3DB Datasheet(PDF) 1 Page - Weitron Technology

Part # S3DB
Description  General Purpose Rectifiers Surface Mount D evice
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

S3DB Datasheet(HTML) 1 Page - Weitron Technology

  S3DB Datasheet HTML 1Page - Weitron Technology S3DB Datasheet HTML 2Page - Weitron Technology S3DB Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
* High surge current capability
* Low reverse current
* Component in accordance to RoHS 2002/95/EC
* Case: SMB (DO-214AA)
* Case Material: Molded Plastic. UL
Flammability Classification Rating 94V-0
* Terminals: Lead Free Plating (Tin Finish).
Solderable per MIL-STD-202, Method 208
Features:
Mechanical Data
* Polarity: Cathode Band
* Weight: 0.095 grams (approximate)
* High current capability
SMB Outline Dimensions
REVERSE VOLTAGE
50 TO 1000 VOLTS
FORWARD CURRENT
3.0 AMPERE
http://www.weitron.com.tw
S3AB thru S3MB
General Purpose Rectifiers
Surface Mount Device
WEITRON
SMB(DO-214AA)
SMB
3.30
3.94
4.06
4.80
1.96
2.21
0.15
0.31
5.00
5.59
0.10
0.20
0.76
1.52
2.00
2.62
Dim
Min
Max
A
B
C
D
E
G
H
J
1/3
15-Sep-2010


Similar Part No. - S3DB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S3DB DIODES-S3DB Datasheet
48Kb / 2P
3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS16005 Rev. 8 - 2
logo
List of Unclassifed Man...
S3DB ETC1-S3DB Datasheet
67Kb / 2P
3.0A SURFACE MOUNT GLASS PASSVATED RECTIFIER
logo
Won-Top Electronics
S3DB WTE-S3DB Datasheet
45Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Taiwan Semiconductor Co...
S3DB TSC-S3DB Datasheet
54Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
S3DB TSC-S3DB Datasheet
143Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
More results

Similar Description - S3DB

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
GS1A TAYCHIPST-GS1A Datasheet
1Mb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
S2A TAYCHIPST-S2A Datasheet
1Mb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Compact Technology Corp...
M1 CTC-M1 Datasheet
74Kb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
S2A CTC-S2A Datasheet
108Kb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
S2AA CTC-S2AA_15 Datasheet
61Kb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Nantong Hornby Electron...
S3XF HORNBY-S3XF Datasheet
228Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
1N400XW HORNBY-1N400XW Datasheet
207Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
S1XF HORNBY-S1XF_18 Datasheet
202Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
S2XF HORNBY-S2XF Datasheet
228Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
ON Semiconductor
S1MFL ONSEMI-S1MFL Datasheet
205Kb / 5P
Surface Mount General Purpose Rectifiers
January, 2021 ??Rev. 6
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com