Electronic Components Datasheet Search
  English  ▼

X  

TIP42 Datasheet(PDF) 1 Page - Weitron Technology

Part # TIP42
Description  PNP Silicon Epitaxial Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

TIP42 Datasheet(HTML) 1 Page - Weitron Technology

  TIP42 Datasheet HTML 1Page - Weitron Technology TIP42 Datasheet HTML 2Page - Weitron Technology TIP42 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WEITRON
http://www.weitron.com.tw
TO-220
1
2
3
1. BASE
2. COLLECTOR
3. EMITTER
PNP Silicon Epitaxial Power Transistor
BASE
1
COLLECTOR
2
3
EMITTER
Lead(Pb)-Free
P b
1/3
17-Nov-08
* Medium Power Linear Switching Applications
* Complement to TIP41/41A/41B/41C
Features:
TIP42/42A/42B/42C
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
TIP42
TIP42A
TIP42B
TIP42C
Units
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
VEBO
V
5
-
e
g
a
tl
o
V
e
s
a
B
-r
e
tt
i
m
E
IC
A
6
-
s
u
o
u
n
it
n
o
C
-
t
n
e
rr
u
C
r
o
t
c
e
ll
o
C
PC
W
2
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
r
o
t
c
e
ll
o
C
TJ
0
5
1
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
℃
Tstg
0
5
1
+
o
t
5
5
-
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
T
I
N
U
X
A
M
N
I
M
s
n
o
it
i
d
n
o
c
t
s
e
T
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
Collector-base breakdown voltage
TIP42
TIP42A
TIP42B
TIP42C
V(BR)CBO
IC= -1mA, IE=0
-40
-60
-80
-100
V
Collector-emitter breakdown voltage
TIP42
TIP42A
TIP42B
TIP42C
V(BR)CEO*
IC= -30mA, IB=0
-40
-60
-80
-100
V
Emitter-base breakdown voltage
V(BR)EBO
IE= -1mA, IC=0
-5
V
Collector cut-off current
TIP42
TIP42A
TIP42B
TIP42C
ICBO
VCB=-40V, IE=0
VCB=-60V, IE=0
VCB=-80V, IE=0
VCB=-100V, IE=0
-0.4
mA
Collector cut-off current
TIP42/42A
TIP42B/42C
ICEO
VCE= -30V, IB= 0
VCE= -60V, IB= 0
-0.7
mA
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-1
mA
hFE(1)
VCE=-4V, IC=-0.3A
30
DC current gain
hFE(2)
VCE=-4 V, IC= -3A
15
75
Collector-emitter saturation voltage
VCE(sat)
IC=-6A, IB=-0.6A
-1.5
V
Base-emitter voltage
VBE
VCE=-4V, IC=-6A
-2
V
Transition frequency
fT
VCE=-10V,IC=-0.5
3
MHZ
*Pulse test
-40
-60
-80
-100
V
-40
-60
-80
-100
V
Parameter


Similar Part No. - TIP42

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP42 MOSPEC-TIP42 Datasheet
189Kb / 4P
POWER TRANSISTORS(6A,40-100V,65W)
logo
Power Innovations Ltd
TIP42 POINN-TIP42 Datasheet
86Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
Wing Shing Computer Com...
TIP42 WINGS-TIP42 Datasheet
22Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR(MEDIUM POWER LINEAR SWITCHING APPLICATIONS)
logo
Samsung semiconductor
TIP42 SAMSUNG-TIP42 Datasheet
179Kb / 5P
PNP (MEDIUM POWER LINEAR SWITCHING APPLICATIONS)
logo
Fairchild Semiconductor
TIP42 FAIRCHILD-TIP42 Datasheet
36Kb / 4P
Medium Power Linear Switching Applications
More results

Similar Description - TIP42

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSB1370 CDIL-CSB1370 Datasheet
89Kb / 3P
PNP SILICON EPITAXIAL POWER TRANSISTOR
CDB1370EF CDIL-CDB1370EF Datasheet
88Kb / 2P
PNP SILICON EPITAXIAL POWER TRANSISTOR
CFB1370 CDIL-CFB1370 Datasheet
86Kb / 2P
PNP SILICON EPITAXIAL POWER TRANSISTOR
CSA1887 CDIL-CSA1887 Datasheet
125Kb / 3P
PNP SILICON EPITAXIAL POWER TRANSISTOR
logo
Weitron Technology
2SB834 WEITRON-2SB834 Datasheet
199Kb / 3P
PNP Silicon Epitaxial Power Transistor
logo
Thinki Semiconductor Co...
2SA940 THINKISEMI-2SA940 Datasheet
530Kb / 3P
PNP Silicon Epitaxial Power Transistor
logo
Continental Device Indi...
MJE350 CDIL-MJE350 Datasheet
210Kb / 3P
PNP EPITAXIAL SILICON POWER TRANSISTOR
CSA1357 CDIL-CSA1357 Datasheet
81Kb / 3P
PNP EPITAXIAL SILICON POWER TRANSISTOR
CSA1156 CDIL-CSA1156 Datasheet
95Kb / 3P
PNP EPITAXIAL SILICON POWER TRANSISTOR
BD240C CDIL-BD240C Datasheet
137Kb / 3P
PNP SILICON EPITAXIAL POWER TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com