Electronic Components Datasheet Search
  English  ▼

X  

US05AM Datasheet(PDF) 2 Page - Weitron Technology

Part # US05AM
Description  Surface Mount Ultra Fast Recovery Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

US05AM Datasheet(HTML) 2 Page - Weitron Technology

  US05AM_09 Datasheet HTML 1Page - Weitron Technology US05AM_09 Datasheet HTML 2Page - Weitron Technology US05AM_09 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximum Ratings and Electrical Characteristics
Characteristics
Symbol
Unit
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward
Rectified Current @T =50 C
Peak Forward Surge Current,
8.3 ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
Maximum Instantaneous At 0.5A DC
Maximum DC Reverse Current @T =25 C
At Rated DC Blocking Voltage @T =100 C
Maximum Reverse Recovery Time
Typical Junction Capacitance (Note 1)
Typical Thermal Resistance (Note 2)
Operating Temperature Range
Storage Temperature Range
V
V
V
A
A
V
uA
C
C
Rating 25 C Ambient Temperature Unless Otherwise Specified.
Single Phase Half Wave, 60Hz , Resistive or Inductive Load.
For Capacitive Load, Derate Current by 20%.
V
V
VDC
I
I
V
I
C
JA
T
T
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
-55 to+150
-55 to+150
F
C/W
1.Measured at 1.0MHz applied reverse voltage of 4.0V DC.
2.Thermal Resistance Junction to Ambient.
5.0
150
20(TYP)
42(TYP)
http://www.weitron.com.tw
WEITRON
J
J
US05AM thru
P
R
T
NOTES:
800
560
800
1000
700
1000
0.5
30
1.3
50
75
1.7
1.0
US05MM
US
05AM
US
05BM
US
05DM
US
05GM
US
05JM
US
05KM
US
05MM
A
A
A
Device Marking
Item
Marking
US05AM
US05BM
US05DM
US05GM
US05JM
US05KM
US05MM
F1
F2
F3
F4
F5
F6
F7
Item
Marking
RR
R
F(AV)
FSM
RRM
RMS
F
STG
ns
2/3
Rev.A 31-Aug-09



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com