Electronic Components Datasheet Search
  English  ▼

X  

US05MM Datasheet(PDF) 1 Page - Weitron Technology

Part # US05MM
Description  Surface Mount Ultra Fast Recovery Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

US05MM Datasheet(HTML) 1 Page - Weitron Technology

  US05MM Datasheet HTML 1Page - Weitron Technology US05MM Datasheet HTML 2Page - Weitron Technology US05MM Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
*For Surface Mount Application
*Glass Passivated Chip
*Low Reverse Leakage Current
*Low Forward Voltage Drop And High Current Capability
*Plastic Meterial Has UL Flammability Classification 94V-0
REVERSE VOLTAGE
50 TO 1000 VOLTS
FORWARD CURRENT
0.5 AMPERE
http://www.weitron.com.tw
US05AM thru
Surface Mount Ultra Fast Recovery
Features:
WEITRON
Rectifiers
US05MM
Mechanical Data:
* Polarity: Indicated by Cathode Band
* Case: Molded Plastic, MINI-SMA(Similar to SOD-123F)
* Terminals: Solder Plated, Solderable per ML-STD-750 Medthod 2026
* Wight: 0.040 grams
MINI-SMA Outline Dimension
unit:mm
A
C
B
H
J
H
3.50
3.90
1.40
1.80
-
0.30(TYP)
H
-
0.70(TYP)
J
1.30
1.70
A
B
C
MINI-SMA
Dim
Min
Max
MINI-SMA
(SOD-123F)
1/3
Rev.A 31-Aug-09


Similar Part No. - US05MM

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
US05MM WEITRON-US05MM Datasheet
80Kb / 3P
Surface Mount Ultra Fast Recovery Rectifiers
More results

Similar Description - US05MM

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GR3AB GOOD-ARK-GR3AB Datasheet
157Kb / 2P
Fast Recovery Surface Mount Rectifiers
logo
Weitron Technology
HFM101M WEITRON-HFM101M Datasheet
82Kb / 3P
Surface Mount Ultra Fast Recovery Rectifiers
HM301 WEITRON-HM301 Datasheet
79Kb / 3P
Surface Mount Ultra Fast Recovery Rectifiers
US05AM WEITRON-US05AM Datasheet
80Kb / 3P
Surface Mount Ultra Fast Recovery Rectifiers
US3A WEITRON-US3A Datasheet
175Kb / 3P
Surface Mount Ultra Fast Recovery Rectifiers
logo
Frontier Electronics.
HFM101M FRONTIER-HFM101M Datasheet
129Kb / 2P
1A SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIERS
US1A FRONTIER-US1A Datasheet
131Kb / 2P
1A SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIERS
US1A-LFR FRONTIER-US1A-LFR Datasheet
132Kb / 2P
1A SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIERS
logo
Central Semiconductor C...
CMR3U-01 CENTRAL-CMR3U-01_15 Datasheet
339Kb / 2P
SURFACE MOUNT SILICON ULTRA FAST RECOVERY RECTIFIERS
CUD10-02 CENTRAL-CUD10-02_15 Datasheet
499Kb / 2P
SURFACE MOUNT SILICON ULTRA FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com