Electronic Components Datasheet Search
  English  ▼

X  

WT431A Datasheet(PDF) 1 Page - Weitron Technology

Part # WT431A
Description  Adjustable Accurate Reference Source
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WT431A Datasheet(HTML) 1 Page - Weitron Technology

  WT431A Datasheet HTML 1Page - Weitron Technology WT431A Datasheet HTML 2Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Adjustable Accurate Reference Source
FEATURES
The output voltage can be adjusted to 36V
Low dynamic output impedance ,its typical value is 0.2Ω
Trapping current capability is 1 to 100mA
The typical value of the equivalent temperature factor in the
whole temperature scope is 50 ppm/℃
The effective temperature compensation in the working
range of full temperature
Low output noise voltage
Fast on -state response
ABSOLUTE MAXIMUM RATINGS(Operating temperature range applies unless otherwise specified)
Parameter
SYMBOL
VALUE
UNITS
Cathode Voltage
VKA
37
V
Cathode Current Range (Continuous)
IKA
-100-+150
mA
Reference lnput Current Range
Iref
0.05-+10
mA
Power Dissipation
PD
770
mW
Operating temperature
Topr
0-70
℃
Storage temperature Range
Tstg
-65-+150℃
℃
ELECTRICAL CHARACTERISTICS(Tamb=25℃
unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Reference lnput Voltage
Vref
VKA=VREF, IKA=10mA
2.475
2.5
2.525
V
Deviation of reference input Voltage
Over temperature (note)
△
Vref/△T
VKA =VREF, IKA =10mA
Tmin≤Ta≤Tmax
4.5
17
mV
△
VKA
=10V~VREF
-1.0
-2.7
m V/V
Ratio Of Change in Reference lnput
Voltage to the change in Cathode
Voltage
△
Vref/△VKA
IKA=10mA
△
VKA
=36V~ 10V
-0.5
-2.0
m V/V
Reference lnput Current
lref
IKA= 10mA,R1=10KΩ
R2=∞
1.5
4
μ
A
Deviation Of Reference lnput Current
Over Full Temperature Range
△
lref/△T
lKA=10mA, R1=10KΩ
R2=∞
TA=full Temperature
0.4
1.2
μ
A
Minimum cathode current for
regulation
IKA(min)
VKA=VREF
0.45
1.0
mA
Off-state cathode Current
IKA(OFF)
VKA=36V ,VREF=0
0.05
1.0
μ
A
Dynamic lmpedance
ZKA
VKA=VREF,lKA=1 to 100mA
f≤1.0KHz
0.15
0.5
Ω
Note:TMIN=0℃ ,TMAX=+70℃
CLASSIFICATION OF Vref
Rank
WT431 (0.5%)
WT431A (1.0%)
WT431B (2.0%)
Range
2.487-2.512
2.475-2.525
2.450-2.550
1 2 3
TO-92
1.REFERENCE
2.ANODE
3.CATHODE
http://www.weitron.com.tw
WEITRON
WT431
P b
Lead(Pb)-Free
1/2
01-Jun-09


Similar Part No. - WT431A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT431LA WEITRON-WT431LA Datasheet
591Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
WT431LB WEITRON-WT431LB Datasheet
591Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
WT431RA WEITRON-WT431RA Datasheet
591Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
WT431RB WEITRON-WT431RB Datasheet
591Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
More results

Similar Description - WT431A

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
TL431 KEXIN-TL431 Datasheet
54Kb / 2P
Adjustable Accurate Reference Source
TL431-89 KEXIN-TL431-89 Datasheet
915Kb / 2P
Adjustable Accurate Reference Source
TL431-HF-89 KEXIN-TL431-HF-89 Datasheet
992Kb / 2P
Adjustable Accurate Reference Source
TL431K KEXIN-TL431K Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
TL431K-3 KEXIN-TL431K-3 Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
TL431K-89 KEXIN-TL431K-89 Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
logo
Jiangsu Changjiang Elec...
CJ431K JIANGSU-CJ431K Datasheet
839Kb / 6P
Adjustable Accurate Reference Source
CK431K JIANGSU-CK431K Datasheet
1Mb / 5P
Adjustable Accurate Reference Source
logo
Shenzhen Luguang Electr...
431 LUGUANG-431 Datasheet
795Kb / 2P
Adjustable Accurate Reference Source
logo
DONGGUAN YOU FENG WEI E...
TL431 YFWDIODE-TL431 Datasheet
424Kb / 3P
Adjustable Accurate Reference Source
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com