Electronic Components Datasheet Search
  English  ▼

X  

WT78L07 Datasheet(PDF) 4 Page - Weitron Technology

Part # WT78L07
Description  Positive Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WT78L07 Datasheet(HTML) 4 Page - Weitron Technology

  WT78L07 Datasheet HTML 1Page - Weitron Technology WT78L07 Datasheet HTML 2Page - Weitron Technology WT78L07 Datasheet HTML 3Page - Weitron Technology WT78L07 Datasheet HTML 4Page - Weitron Technology WT78L07 Datasheet HTML 5Page - Weitron Technology WT78L07 Datasheet HTML 6Page - Weitron Technology WT78L07 Datasheet HTML 7Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
WEITRON
http://www.weitron.com.tw
4/7
05-Nov-2010
WT78L12 (Refer to the test circuits, Tj=0~125°C, IO=40mA, Vin=19V, Cin=0.33µF, CO=0.1µF unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
V
Output Voltage
Tj=25°C
Line Regulation
O=1~100mA, Tj=25°C
O=1~40mA, Tj=25°C
WT78L15 (Refer to the test circuits, Tj=0~125°C, IO=40mA, Vin=23V, Cin=0.33µF, CO=0.1µF unless otherwise specified)
15
14.4
14.25
15.6
15.75
25
15
-
-
150
75
mV
Load Regulation
j=25°C
Quiescent Current
j=25°C
65
58
-
-
300
250
mV
VO
4.6
-
6.5
mA
IQ
Quiescent Current Change
-
-
-
-
1.5
0.1
mA
Q
Output Noise Voltage
82
-
-
µV
Vn
Dropout Voltage
1.7
-
-
V
VD
Ripple Rejection
j=0-125°C
39
-
dB
RR
17.5V<=V <=30V,
in
IO=1mA~40mA,Tj=0-125°C
IO =1mA~70mA, Tj=0~125°C
14.25
15
15
15.75
I
I
∆VO
17.5V<=V <=30V,
in
19V<=V <=30V,
in
∆VO
T
∆I
19V<=V <=30V,
in
Tj=0-125°C
1mA<=I O<=40mA,Tj =0-125°C
10Hz<=f<=100KHz, T =25°C
18.5V<=V <=28.5V,
in
T =25°C
j=25°C
Parameter
Symbol
Min
Typ
Max
Unit
V
Output Voltage
Tj=25°C
Line Regulation
O=1~100mA, Tj=25°C
O=1~40mA, Tj=25°C
12
11.5
11.4
12.5
12.6
22
13
-
-
100
50
mV
Load Regulation
j =25°C
Quiescent Current
j=25°C
55
49
-
-
250
200
mV
VO
4.3
-
6.5
mA
IQ
Quiescent Current Change
-
-
-
-
1.5
0.1
mA
Q
Output Noise Voltage
70
-
-
µV
Vn
Dropout Voltage
1.7
-
-
V
VD
Ripple Rejection
j=0-125°C
42
-
dB
RR
14V<=V <=27V,
in
IO=1mA~40mA,Tj=0-125°C
IO =1mA~70mA, Tj=0~125°C
11.4
12
12
12.6
I
I
∆VO
14.5V<=V <=27V,
in
16V<=V <=27V,
in
∆VO
T
∆I
16V<=V <=27V,
in
Tj=0-125°C
1mA<=I O<=40mA,Tj =0-125°C
10Hz<=f<=100KHz, T =25°C
15V<=V <=25V,
in
T =25°C
j=25°C
37
V =23V,
in
V =23V,
in
V =23V,
in
O=40mA,
I
O=40mA,
I
O=40mA,
I
34
WT78LXXK



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com