Electronic Components Datasheet Search
  English  ▼

X  

NH020Y Datasheet(PDF) 17 Page - Lineage Power Corporation

Part # NH020Y
Description  Power SIPs 5 Vdc Input; 1.5 Vdc to 3.3 Vdc Output; 20 W
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NH020Y Datasheet(HTML) 17 Page - Lineage Power Corporation

Back Button NH020Y Datasheet HTML 9Page - Lineage Power Corporation NH020Y Datasheet HTML 10Page - Lineage Power Corporation NH020Y Datasheet HTML 11Page - Lineage Power Corporation NH020Y Datasheet HTML 12Page - Lineage Power Corporation NH020Y Datasheet HTML 13Page - Lineage Power Corporation NH020Y Datasheet HTML 14Page - Lineage Power Corporation NH020Y Datasheet HTML 15Page - Lineage Power Corporation NH020Y Datasheet HTML 16Page - Lineage Power Corporation NH020Y Datasheet HTML 17Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
October 2009
PDF Name:DS00-128EPS (Replaces DS00-127EPS)
Data Sheet
October 14, 2009
5 Vdc Input; 1.5 Vdc to 3.3 Vdc Output; 20 W
NH020-Series Power SIPs:
World W ide Headquarters
Lineage Power Corporation
601 Shiloh Road, Plano, TX 75074, USA
+1-800-526-7819
(Outsid e U.S.A .:
+1- 97 2-244 -9428)
www.line agepower.com
e-m ail: techsupport1@linea gepower.com
Asia-Pacific Headquart ers
Tel: +65 6 41 6 4283
Europe, Middle-East and Afric a He adquarters
Tel: +49 898 780 672 80
India Headquarters
Tel: +91 8 0 28411633
Lineage Power reserves the right to make changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or
application. No rights under any patent accompany the sale of any such product(s) or information.
Lineage Power DC-DC products are protected under various patents. Information on these patents is available at www.lineagepower.com/patents.
© 2009 Lineage Power Corporation, (Plano, Texas) All International Rights Reserved.
Ordering Information
Please contact your Tyco Electronics’ Sales Representative for pricing, availability and optional features.
Table 1. Device Codes
Optional features can be ordered using the suffixes shown below. The suffixes follow the last letter of the Product Code and are
placed in descending alphanumerical order.
Table 2. Device Options
Input Voltage
Output Voltage
Output Current
Device Code
Comcodes
5 V
1.5 V
9 W
NH020M
107870065
5 V
1.8 V
10.8 W
NH020Y
TBD
5 V
2.5 V
15 W
NH020G
107917114
5 V
3.3 V
20 W
NH020F
107221145
5V
3.3V
20W
NH020FZ
CC109114121
5 V
2.5 V
15 W
NH020GZ
CC109102753
5 V
1.8 V
10.8 W
NH020Y2Z
CC109102761
Option
Suffix
Tight tolerance output
(not available on the NH020G)
2
–40 °C operation
5
RoHS Compliant
-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com