Electronic Components Datasheet Search
  English  ▼

X  

NH020FZ Datasheet(PDF) 13 Page - Lineage Power Corporation

Part # NH020FZ
Description  Power SIPs 5 Vdc Input; 1.5 Vdc to 3.3 Vdc Output; 20 W
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NH020FZ Datasheet(HTML) 13 Page - Lineage Power Corporation

Back Button NH020FZ Datasheet HTML 9Page - Lineage Power Corporation NH020FZ Datasheet HTML 10Page - Lineage Power Corporation NH020FZ Datasheet HTML 11Page - Lineage Power Corporation NH020FZ Datasheet HTML 12Page - Lineage Power Corporation NH020FZ Datasheet HTML 13Page - Lineage Power Corporation NH020FZ Datasheet HTML 14Page - Lineage Power Corporation NH020FZ Datasheet HTML 15Page - Lineage Power Corporation NH020FZ Datasheet HTML 16Page - Lineage Power Corporation NH020FZ Datasheet HTML 17Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Lineage Power
13
Data Sheet
October 14, 2009
5 Vdc Input; 1.5 Vdc to 3.3 Vdc Output; 20 W
NH020-Series Power SIPs:
Figure 32. NH020F Power Dissipation vs. Output
Current.
With the known heat dissipation and a given local ambient
temperature, the minimum airflow can be chosen from the
derating curves in Figure 33.
Figure 33. Power Derating vs. Local Ambient
Temperature and Air Velocity
.
For example, if the unit dissipates 2.0 W of heat, the mini-
mum airflow in an 80 °C environment is 1.0 m/s
(200 ft./min.).
Keep in mind that these derating curves are approximations
of the ambient temperatures and airflows required to keep
the power SIP temperature below its maximum rating. Once
the SIP is assembled in the actual system, the SIP’s temper-
ature should be checked as shown in Figure 28 to ensure it
does not exceed 115 °C.
Layout Considerations
Copper paths must not be routed between pins 2 and 3 and
pins 7 and 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com