Electronic Components Datasheet Search
  English  ▼

X  

NH020Y2Z Datasheet(PDF) 2 Page - Lineage Power Corporation

Part # NH020Y2Z
Description  Power SIPs 5 Vdc Input; 1.5 Vdc to 3.3 Vdc Output; 20 W
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NH020Y2Z Datasheet(HTML) 2 Page - Lineage Power Corporation

  NH020Y2Z Datasheet HTML 1Page - Lineage Power Corporation NH020Y2Z Datasheet HTML 2Page - Lineage Power Corporation NH020Y2Z Datasheet HTML 3Page - Lineage Power Corporation NH020Y2Z Datasheet HTML 4Page - Lineage Power Corporation NH020Y2Z Datasheet HTML 5Page - Lineage Power Corporation NH020Y2Z Datasheet HTML 6Page - Lineage Power Corporation NH020Y2Z Datasheet HTML 7Page - Lineage Power Corporation NH020Y2Z Datasheet HTML 8Page - Lineage Power Corporation NH020Y2Z Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Lineage Power
2
Data Sheet
October 14, 2009
5 Vdc Input; 1.5 Vdc to 3.3 Vdc Output; 20 W
NH020-Series Power SIPs:
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress
ratings only, functional operation of the device is not implied at these or any other conditions in excess of those given in the
operations sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect the
device reliabiltiy.
* Forced convection—1.5 ms–1 (300 lfm) minimum. Higher ambient temperatures are possible with increased airflow and/or decreased power
output. See the Thermal Considerations section for more details.
† The –40 °C operation is optional. See Ordering Information section.
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions.
CAUTION: This power module is not internally fused. An input line fuse must always be used.
This power SIP can be used in a wide variety of applications, ranging from simple stand-alone operation to an
integrated part of a sophisticated power architecture. To preserve maximum flexibility, internal fusing is not included; however,
to achieve maximum safety and system protection, always use an input line fuse. The safety agencies require a normal-blow
fuse with a maximum rating of 10 A (see Safety Considerations section). To aid in the proper fuse selection for the given appli-
cation, information on inrush energy and maximum dc input current is provided. Refer to the fuse manufacturer’s data for fur-
ther information.
Parameter
Symbol
Min
Max
Unit
Input Voltage:
Continuous
VIN
0
7.0
Vdc
Operating Ambient Temperature*
TQ31
–40/0†
115
°C
Storage Temperature
Tstg
–55
125
°C
On/Off Terminal Voltage
Von/off
—
6.0
Vdc
Parameter
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VI
4.5
5.0
5.5
Vdc
Maximum Input Current
(VI = 0 to VI,max; IO = IO,max)
II,max
—
6.1
A
Inrush Transient
i2t—
—
1
A2s
Input Reflected-Ripple Current
(5 Hz to 20 MHz; 500nH source impedance;See Figure 14)
625
mAp-p
Input Ripple Rejection
(100 - 120Hz)
60
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com