Electronic Components Datasheet Search
  English  ▼

X  

2SC4781 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC4781
Description  Medium Power Amplifier Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC4781 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC4781 Datasheet HTML 1Page - Toshiba Semiconductor 2SC4781 Datasheet HTML 2Page - Toshiba Semiconductor 2SC4781 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SC4781
2004-07-26
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
2SC4781
Strobe Flash Applications
Medium Power Amplifier Applications
• High DC current gain and Excellent hFE linearity
: hFE (1) = 200 to 600 (VCE = 2 V, IC = 1 A)
: hFE (2) = 300 (typ.) (VCE = 2 V, IC = 4 A)
• Low saturation voltage: VCE (sat) = 0.5 V (max) (IC = 4 A, IB = 80 mA)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
30
V
VCES
30
Collector-emitter voltage
VCEO
10
V
Emitter-base voltage
VEBO
6
V
DC
IC
4
Collector current
Pulsed
ICP
8
A
Base current
IB
0.8
A
Collector power dissipation
PC
900
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 30 V, IE = 0
―
―
100
nA
Emitter cut-off current
IEBO
VEB = 6 V, IC = 0
―
―
100
nA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
10
―
―
V
hFE (1)
VCE = 2 V, IC = 1 A
200
―
600
DC current gain
hFE (2)
VCE = 2 V, IC = 4 A
140
300
―
Collector-emitter saturation voltage
VCE (sat)
IC = 4 A, IB = 80 mA
―
0.28
0.5
V
Base-emitter voltage
VBE
VCE = 2 V, IC = 4 A
―
1.0
1.5
V
Transition frequency
fT
VCE = 2 V, IC = 0.5 A
―
170
―
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
―
50
―
pF
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-5J1A
Weight: 0.36 g (typ.)


Similar Part No. - 2SC4781

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4781 TOSHIBA-2SC4781 Datasheet
92Kb / 1P
NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
20-Dec-1997
More results

Similar Description - 2SC4781

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1300 TOSHIBA-2SA1300_07 Datasheet
334Kb / 3P
Strobe Flash Applications Medium Power Amplifier Applications
logo
Guangdong Kexin Industr...
2SC2982 KEXIN-2SC2982 Datasheet
339Kb / 2P
Medium Power Amplifier Applications
logo
Toshiba Semiconductor
2SA1242 TOSHIBA-2SA1242_10 Datasheet
161Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SA1430 TOSHIBA-2SA1430_06 Datasheet
143Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SC3072 TOSHIBA-2SC3072_05 Datasheet
161Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SC3419 TOSHIBA-2SC3419_04 Datasheet
128Kb / 4P
Medium-Power Amplifier Applications
2SC3670 TOSHIBA-2SC3670_04 Datasheet
125Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SC3671 TOSHIBA-2SC3671_04 Datasheet
125Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SC4681 TOSHIBA-2SC4681_05 Datasheet
121Kb / 3P
Strobe Flash Applications Medium Power Amplifier Applications
2SC5720 TOSHIBA-2SC5720 Datasheet
95Kb / 3P
MEDIUM POWER AMPLIFIER APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com