Electronic Components Datasheet Search
  English  ▼

X  

2SC5174 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC5174
Description  Power Amplifier Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5174 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC5174 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5174 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5174 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC5174
2004-07-26
2
Collector-emitter voltage VCE (V)
Safe Operating Area
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (A)
hFE – IC
Collector current IC (mA)
fT – IC
VCE (sat) – IC
Collector current IC (A)
Base-emitter voltage VBE (V)
IC – VBE
Common emitter
VCE = 5 V
0
0
Ta = 100°C
−25
0.2
0.4
0.6
0.8
1.0
0.2
0.4
0.6
0.8
1.4
25
1.0
1.2
Common emitter
Ta = 25°C
0
0
IB = 2 mA
0.2
0.4
0.6
0.8
1.0
2
4
6
8
10
10
20
4
6
8
*
: Single nonrepetitive pulse
Ta = 25°C
Curves must be derated
linearly with increase in
temperature.
1
3
5
10
100
500
30 50
300
0.005
0.01
0.03
0.05
0.1
0.3
0.5
1
3
IC max (continuous)
IC max (pulsed)*
DC operation
Ta = 25°C
100 ms*
10 ms*
1 ms*
VCEO max
0.003
0.01
0.03
0.1
0.3
1
3
50
100
300
500
30
Common emitter
VCE = 5 V
1000
3000
5000
10
Ta = 100°C
25
−25
0.003
0.01
0.03
0.1
0.3
1
3
0.05
0.1
0.3
0.5
0.03
1
3
5
0.01
Common emitter
IC/IB = 10
−25
25
Ta = 100°C
30
5
10
30
100
300
1000
50
300
100
500
Common emitter
VCE = 10 V
Ta = 25°C
10
5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com