Electronic Components Datasheet Search
  English  ▼

X  

2SC5175 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5175
Description  High-Current Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5175 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5175 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5175 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5175 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5175 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC5175
2004-07-26
1
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5175
High-Current Switching Applications
• Low collector-emitter saturation voltage: VCE (sat) = 0.4 V (max)
(IC = 2.5 A, IB = 125 mA)
• High-speed switching: tstg = 0.8 µs (typ.)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
60
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
5
V
DC
IC
5
Collector current
Pulse
ICP
8
A
Base current
IB
1
A
Collector power dissipation
PC
1.8
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 50 V, IE = 0
―
―
1
µA
Emitter cut-off current
IEBO
VEB = 6 V, IC = 0
―
―
1
µA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
50
―
―
V
hFE (1)
VCE = 1 V, IC = 1 A
100
―
320
DC current gain
hFE (2)
VCE = 1 V, IC = 2.5 A
60
―
―
Collector-emitter saturation voltage
VCE (sat)
IC = 2.5 A, IB = 125 mA
―
0.25
0.4
V
Base-emitter saturation voltage
VBE (sat)
IC = 2.5 A, IB = 125 mA
―
1.0
1.3
V
Transition frequency
fT
VCE = 4 V, IC = 1 A
―
100
―
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
―
45
―
pF
Turn-on time
ton
―
0.1
―
Storage time
tstg
―
0.8
―
Switching time
Fall time
tf
IB1 = −IB2 = 125 mA, duty cycle ≤ 1%
―
0.1
―
µs
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-10T1A
Weight: 1.5 g (typ.)
20 µs
VCC = 30 V
Output
IB2
IB1
Input


Similar Part No. - 2SC5175

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5175 TOSHIBA-2SC5175 Datasheet
143Kb / 2P
NPN EPITAXIAL TYPE (HIHG CURRENT SWITCHING APPLICATIONS)
More results

Similar Description - 2SC5175

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
High-Current Switching Applications
2SB1216 SANYO-2SB1216 Datasheet
126Kb / 4P
High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
High-Current Switching Applications
2SB1509 SANYO-2SB1509 Datasheet
114Kb / 3P
High-Current Switching Applications
2SC4306 SANYO-2SC4306 Datasheet
92Kb / 3P
High-Current Switching Applications
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
HIGH CURRENT SWITCHING APPLICATIONS
logo
Guangdong Kexin Industr...
2SB1204 KEXIN-2SB1204 Datasheet
47Kb / 2P
High-Current Switching Applications
2SB1201 KEXIN-2SB1201 Datasheet
47Kb / 2P
High-Current Switching Applications
logo
Sanyo Semicon Device
ECH8202 SANYO-ECH8202 Datasheet
279Kb / 4P
High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
High Current Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com