Electronic Components Datasheet Search
  English  ▼

X  

2SC5548 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC5548
Description  High Voltage Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5548 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC5548 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5548 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5548 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5548 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5548 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC5548
2005-02-01
4
Collector-emitter voltage VCE (V)
Safe Operating Area
rth – tw
Pulse width tw (s)
Collector current IC (A)
Switching Characteristics – IC
Curves should be applied in thermal limited area.
(single nonrepetitive pulse)
(1) Infinite heat sink
(2) No heat sink
300
0.5
0.001
1000
0.01
0.1
1
10
100
1
3
10
5
30
100
50
(1)
(2)
IC = 8IB1
2IB1 = −IB2
VCC ≈ 200 V
Pulse width = 20µs
Duty cycle
≤ 1%
Tc = 25°C
5
0.1
0.1
0.3
0.5
1
3
5
10
1
3
0.3
0.5
tstg
tf
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated
linearly with increase in
temperature.
IC max
(continuous)
0.001
10
DC operation
Tc = 25°C
1 ms*
10 ms*
VCEO max
100 µs*
100 ms*
IC max (pulsed)*
1
3
100
1000
10
30
300
0.1
1
0.01
10 µs*
3
5
0.3
0.5
0.03
0.05
0.003
0.005



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com