Electronic Components Datasheet Search
  English  ▼

X  

SC173A Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC173A
Description  3A EcoSpeedTM Synchronous Step-Down Regulator with Automatic Power Save
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC173A Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC173A Datasheet HTML 4Page - Semtech Corporation SC173A Datasheet HTML 5Page - Semtech Corporation SC173A Datasheet HTML 6Page - Semtech Corporation SC173A Datasheet HTML 7Page - Semtech Corporation SC173A Datasheet HTML 8Page - Semtech Corporation SC173A Datasheet HTML 9Page - Semtech Corporation SC173A Datasheet HTML 10Page - Semtech Corporation SC173A Datasheet HTML 11Page - Semtech Corporation SC173A Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
© 2010 Semtech Corporation
Efficiency vs Output Current
75.0
80.0
85.0
90.0
95.0
100.0
0.00
0.75
1.50
2.25
3.00
Output Current (A)
Vin=5V, Vo=3.3V,
LOUT: DS84LC-B1015AS-2R2N
COUT=22mFx2
RTON = 80.6kOhm
Efficiency vs Output Current
55.0
60.0
65.0
70.0
75.0
80.0
85.0
90.0
95.0
0.01
0.76
1.51
2.26
3.01
Output Current (A)
Vin=5V, Vo=1.2V,
LOUT: DS84LC-B1015AS-2R2N
COUT=22mF
RTON = 54.9kOhm
Efficiency vs Output Current
65.0
70.0
75.0
80.0
85.0
90.0
95.0
0.00
0.60
1.20
1.80
2.40
3.00
Output Current (A)
Vo=1.2V, RTON = 54.9kOhm
LOUT:DS84LC-B1015AS-2R2N
COUT:22mF
Red:Vin = 3.5V
Green: Vin = 4.0V
Blue: Vin = 5.0V
Output Voltage vs Output Current
3.270
3.279
3.287
3.296
3.304
3.313
3.322
3.330
3.339
0.00
0.75
1.50
2.25
3.00
Output Current (A)
Vin=5V, Vo=3.305V,
LOUT: DS84LC-B1015AS-2R2N
COUT=22mFx2
RTON = 80.6kOhm
Output Voltage vs Output Current
1.210
1.212
1.214
1.216
1.218
0.00
0.60
1.20
1.80
2.40
3.00
Output Current (A)
Vin=5V, Vo=1.212V,
LOUT: DS84LC-B1015AS-2R2N
COUT=22mF
RTON = 54.9kOhm
Output Voltage vs Output Current
1.201
1.204
1.206
1.209
1.211
1.214
1.216
0.00
0.75
1.50
2.25
3.00
Output Current (A)
Vo=1.212V, RTON = 54.9kOhm
LOUT: DS84LC-B1015AS-2R2N
COUT:22mF
Black: Vin=5V
Red: Vin=4V
Blue: Vin=3.5V
Typical Characteristics
8
SC173A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com