Electronic Components Datasheet Search
  English  ▼

X  

SC410MLTRT Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC410MLTRT
Description  3A EcoSpeed TM Step-Down Regulator with LDO and Ultrasonic Power Save
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC410MLTRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC410MLTRT Datasheet HTML 5Page - Semtech Corporation SC410MLTRT Datasheet HTML 6Page - Semtech Corporation SC410MLTRT Datasheet HTML 7Page - Semtech Corporation SC410MLTRT Datasheet HTML 8Page - Semtech Corporation SC410MLTRT Datasheet HTML 9Page - Semtech Corporation SC410MLTRT Datasheet HTML 10Page - Semtech Corporation SC410MLTRT Datasheet HTML 11Page - Semtech Corporation SC410MLTRT Datasheet HTML 12Page - Semtech Corporation SC410MLTRT Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
SC410
9
Typical Characteristics (continued)
Time (100μs/div)
(50mV/div)
(10V/div)
I
OUT
= 3A to 0A
Transient Response
Time (2μs/div)
(20mV/div)
(10V/div)
I
OUT
= 1.5A
CCM
Time (400μs/div)
(5V/div)
(1V/div)
(5V/div)
(10V/div)
I
OUT
= 0A
Start-up
Time (10μs/div)
(20mV/div)
(10V/div)
I
OUT
= 0A
Power Save
Time (40μs/div)
(5V/div)
(1V/div)
(5V/div)
(10V/div)
I
OUT
= 1.5A
Shutdown
Time (400μs/div)
(5V/div)
(200mV/div)
(2V/div)
(10V/div)
I
OUT
= 1.5A
Start-up
Characteristics are based on a circuit with V
IN
= 12V, L = 2.2μH (DCR = 35mΩ), C
OUT
= 66μF, V
OUT
= 3.3V, V
LDO
= 5V, R
TON
= 90.9kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com