Electronic Components Datasheet Search
  English  ▼

X  

SC4525D Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4525D
Description  18V, 3A, 350kHz Step-Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4525D Datasheet(HTML) 1 Page - Semtech Corporation

  SC4525D Datasheet HTML 1Page - Semtech Corporation SC4525D Datasheet HTML 2Page - Semtech Corporation SC4525D Datasheet HTML 3Page - Semtech Corporation SC4525D Datasheet HTML 4Page - Semtech Corporation SC4525D Datasheet HTML 5Page - Semtech Corporation SC4525D Datasheet HTML 6Page - Semtech Corporation SC4525D Datasheet HTML 7Page - Semtech Corporation SC4525D Datasheet HTML 8Page - Semtech Corporation SC4525D Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
www.semtech.com
POWER MANAGEMENT
Jan. 13, 2011
1
18V, 3A, 350kHz Step-Down
Switching Regulator
SC4525D
Typical Application Circuit
Features
Input range: 3V to 18V
3A Output Current
350kHz Fixed Switching Frequency
Precision 1V Feedback Voltage
Peak Current-Mode Control
Cycle-by-Cycle Current Limiting
Hiccup Overload Protection with Frequency Foldback
Soft-Start and Enable
Thermal Shutdown
Thermally Enhanced 8-pin SOIC Package
Fully RoHS and WEEE compliant
Applications
XDSL and Cable Modems
Set Top Boxes
Point of Load Applications
CPE Equipment
DSP Power Supplies
LCD and Plasma TVs
Description
The SC4525D is a 350kHz constant frequency peak
current-mode step-down switching regulator capable of
producing 3A output current from an input ranging from
3V to 18V. The SC4525D is suitable for next generation
XDSL modems, high-definition TVs and various point of
load applications.
Peak current-mode PWM control employed in the
SC4525Dachievesfasttransientresponsewithsimpleloop
compensation. Cycle-by-cycle current limiting and hiccup
overload protection reduces power dissipation during
output overload. Soft-start function reduces input start-
up current and prevents the output from overshooting
during power-up.
The SC4525D is available in SOIC-8 EDP package.
Figure 1. 350kHz 10V -16V to 5V/3A Step-down Converter
Efficiency of the 1MHz 10V-28V to 5V/3A Step-Down Converter (Front Page)
Fig.1b: 350kHz 10-16V to 5V/3A Step-Down Converter (Front Page Efficiency w/12Vin)
Efficiency
40
45
50
55
60
65
70
75
80
85
90
0
0.5
1
1.5
2
2.5
3
Load Current (A)
SC4525A
VIN =12V
12
12
SC4525D
GND
IN
SW
BST
L1
10mH
C1
0.33 mF
SS/EN
COMP
FB
D2
20BQ030
8.25k
R6
33.2k
22 nF
C8
47pF
C5
2.2nF
L1 : Coiltronics CD1-100
OUT
5V/3A
D1
1N 4148
10 V–16V
RSET
C2 : Murata GRM31CR60J 476M
C4
10mF
C4 : Murata GRM31CR61E 106K
VIN
C2
47mF
C7
R4
60.4k
R5
11.5k
R7
Fig.1a : 350 kHz10V
- 16 V to5V/3 A Step
-
Down Converter
( Front Page Schematic
)


Similar Part No. - SC4525D

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4525A SEMTECH-SC4525A Datasheet
780Kb / 19P
28V 3A Step-Down Switching Regulator
SC4525AEVB SEMTECH-SC4525AEVB Datasheet
780Kb / 19P
28V 3A Step-Down Switching Regulator
SC4525ASETRT SEMTECH-SC4525ASETRT Datasheet
780Kb / 19P
28V 3A Step-Down Switching Regulator
SC4525C SEMTECH-SC4525C Datasheet
742Kb / 21P
28V 3A Step-Down Switching Regulator Thermal Shutdown
SC4525C SEMTECH-SC4525C Datasheet
512Kb / 22P
28V 3A Step-Down Switching Regulator
Revision 5.1
More results

Similar Description - SC4525D

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
3A Step Down Switching Voltage Regulator
logo
Semtech Corporation
SC4519 SEMTECH-SC4519 Datasheet
278Kb / 15P
600kHz, 3A Step-Down Switching Regulator
SC4519H SEMTECH-SC4519H_07 Datasheet
285Kb / 14P
600kHz, 3A Step-Down Switching Regulator
SC4524B SEMTECH-SC4524B_08 Datasheet
756Kb / 18P
18V 2A Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
TJ4519 HTC-TJ4519 Datasheet
533Kb / 11P
600kHz 3A Step-Down Switching Regulator
logo
Exar Corporation
XRP7675 EXAR-XRP7675 Datasheet
784Kb / 12P
3A 18V Synchronous PFM/PWM Step-Down Regulator
logo
Semtech Corporation
SC4524F SEMTECH-SC4524F Datasheet
998Kb / 23P
18V 2A Step-Down Switching Regulator
SC4525F SEMTECH-SC4525F Datasheet
1,000Kb / 23P
18V, 3A, 350kHz Step-Down Switching Regulator
logo
Shenzhen Huazhimei Semi...
HM1484E HMSEMI-HM1484E Datasheet
1Mb / 7P
18V 3A 500KHz Synchronous Step-Down Regulator
HM8113 HMSEMI-HM8113 Datasheet
1Mb / 7P
18V 3A 500KHz Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com