Electronic Components Datasheet Search
  English  ▼

X  

2SC5819 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC5819
Description  High-Speed Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5819 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC5819 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5819 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5819 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5819 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5819 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC5819
2004-07-07
4
Pulse width tw (s)
rth – tw
Collector-emitter voltage VCE (V)
Safe Operating Area
1
0.001
0.01
0.1
1
10
100
1000
10
1000
Curves should be applied in thermal limited area.
Single nonrepetitive pulse Ta
= 25°C
Mounted on an FR4 board (glass epoxy, 1.6 mm thick, Cu
area: 645 mm
2)
100
0.01
0.1
1
10
100
0.1
1
10
IC max (pulsed) ♦
DC operation *
(Ta
= 25°C)
IC max (continuous)
10 s
♦*
10 ms
♦ 1 ms♦ 100 µs♦
♦: Single nonrepetitive pulse
Ta
= 25°C
Note that the curves for 100 ms*,
10 s* and DC operation* will be
different when the devices aren’t
mounted on an FR4 board (glass
epoxy, 1.6 mm thick, Cu area:
645 mm
2). These characteristic
curves must be derated linearly
with increase in temperature.
100 ms
♦*



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com