Electronic Components Datasheet Search
  English  ▼

X  

LC74787JM Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC74787JM
Description  On-Screen Display Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74787JM Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC74787JM Datasheet HTML 1Page - Sanyo Semicon Device LC74787JM Datasheet HTML 2Page - Sanyo Semicon Device LC74787JM Datasheet HTML 3Page - Sanyo Semicon Device LC74787JM Datasheet HTML 4Page - Sanyo Semicon Device LC74787JM Datasheet HTML 5Page - Sanyo Semicon Device LC74787JM Datasheet HTML 6Page - Sanyo Semicon Device LC74787JM Datasheet HTML 7Page - Sanyo Semicon Device LC74787JM Datasheet HTML 8Page - Sanyo Semicon Device LC74787JM Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Pin Assignment
No. 5730-2/23
LC74787, 74787M, 74787JM
Pin Functions
Pin No.
Pin Name
Function
Notes
1
VSS1
Ground
Ground connection (digital system ground)
2
XtalIN
These pins are used either to connect the crystal and capacitors used to form an external
Crystal oscillator
crystal oscillator circuit to generate the internal synchronizing signals, or to input an external
XtalOUT
(MUTE input)
clock signal (2fsc or 4fsc). As a mask option, the XtalOUT pin can be set to function as the
3
(MUTE)
MUTE input pin. When this pin is set low, the video output is held at the pedestal level. (A pull-
up resistor is built in and the input has hysteresis characteristics.)
Switches the mode between external clock input and crystal oscillator operation. A low level
4
CTRL1
Crystal oscillator input switching
selects crystal oscillator operation and a high level selects external clock input. As a mask
(CHABLK)
(CHABLK output)
option, the CTRL1 input pin can be set to function as the CHABLK (character · frame) output.
This is a 3-value output.
5
HFTONOUT
Background line output
Outputs the range signal specified by LNA*, LNB*, and LNC*. Outputs the crystal oscillator
clock when RST is low. (This signal is not output after a reset command is executed.)
6
OSCIN
LC oscillator
Connections for the inductor and capacitor that form the character output dot clock generation
7
OSCOUT
oscillator.
Outputs the state of the external synchronizing signal presence/absence judgment. Outputs a
8
SYNCJDG
External synchronizing signal
high level when synchronizing signals are present.
judgment output
Outputs the dot clock (LC oscillator) when RST is low. (This signal is not output on command
resets.)
9
CS
Enable input
Serial data input circuit enable pin. Serial data input is enabled when a low level is input.
A pull-up resistor is built in. (This input has hysteresis characteristics.)
10
SCLK
Clock input
Serial data input circuit clock input.
A pull-up resistor is built in. (This input has hysteresis characteristics.)
11
SIN
Data input
Serial data input.
A pull-up resistor is built in. (This input has hysteresis characteristics.)
12
VDD2
Power supply
Composite video signal level adjustment power supply (analog system power supply)
Continued on next page.
LC74787
LC74787M
LC74787JM
A08680



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com