Electronic Components Datasheet Search
  English  ▼

X  

2SJ313 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SJ313
Description  Audio Frequency Power Amplifier Application
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ313 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SJ313 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ313 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ313 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ313 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ313 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SJ313
2009-09-29
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VDS = 0, VGS = ±20 V
―
―
±100
nA
Drain−source breakdown voltage
V (BR) DSS
ID = −10 mA, VGS = 0
−180
―
―
V
Gate−source cut−off voltage (Note 2)
VGS (OFF)
VDS = −10 V, ID = −10 mA
−0.8
―
−2.8
V
Drain−source saturation voltage
VDS (ON)
ID = −0.6 A, VGS = −10 V
―
−1.2
−3.0
V
Forward transfer admittance
|Yfs|
VDS = −10 V, ID = −0.3 A
―
0.7
―
S
Input capacitance
Ciss
―
210
―
Output capacitance
Coss
―
90
―
Reverse transfer capacitance
Crss
VDS = −10 V, VGS = 0, f = 1 MHz
―
45
―
pF
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VGS (OFF) Classification
O: −0.8~−1.6,
Y: −1.4~−2.8
This transistor is the electrostatic-sensitive device.
Please handle with caution.
Marking
Note 3: A line under a Lot No. identifies the indication of product Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS
compatibility of Product. The RoHS is the Directive 2002/95/EC of the European Parliament and of the Council of 27
January 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment.
Lot No.
Note 3
J313
Part No. (or abbreviation code)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com