Electronic Components Datasheet Search
  English  ▼

X  

208 Datasheet(PDF) 1 Page - Littelfuse

Part # 208
Description  Axial Lead & Cartridge Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

208 Datasheet(HTML) 1 Page - Littelfuse

  208 Datasheet HTML 1Page - Littelfuse 208 Datasheet HTML 2Page - Littelfuse 208 Datasheet HTML 3Page - Littelfuse 208 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
247
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
2AG > Fast-Acting > 208 Series
208 Series
Please refer to www.littelfuse.com/series/208.html for current information.
Agency
Agency File Number
Ampere Range
E10480
375mA - 10A
PS
E
NBK200405-E10480 C/D
NBK060405-E10480 E/F
1A - 5A
6A - 10A
375mA - 10A
208 Series Lead-Free 2AG, Fast-Acting Fuse
Littelfuse 208 Series (2AG) 350V Fast-Acting Fuses are
available in cartridge form or with axial leads. This series
provides the same performance characteristics as its 3AG
counterpart, while occupying one-third the space. Sleeved
fuses are available.
Agency Approvals
Features
Electrical Characteristics for Series
with Underwriter’s
Laboratories Standard
UL 248-14
and axial lead form
and with various lead
forming dimensions
Lead-free
Applications
% of Ampere
Rating
OpeningTime
100%
Min.
135%
Max.
200%
1 Second, Max.
Amp Code
Amp Rating
Voltage
Rating
Interrupting
Rating
Nominal Cold
Resistance
(Ohms)
Nominal
Melting
I2t (A2 sec)
Agency Approvals
PS
E
.375
0.375
350
100A @
350V AC
0.395
0.171
x
x
.500
0.500
350
0.265
0.365
x
x
.750
0.750
350
0.152
1.050
x
x
001.
1.0
350
0.103
2.220
x
x
x
01.5
1.5
350
0.0712
0.800
x
x
x
002.
2.0
350
0.0497
1.50
x
x
x
02.5
2.5
350
0.0372
2.68
x
x
x
003.
3.0
350
0.0317
4.62
x
x
x
03.5
3.5
350
0.0265
6.70
x
x
x
004.
4
350
0.0240
9.40
x
x
x
005.
5
350
0.0186
17.00
x
x
x
006.
6
350
0.0154
22.10
x
x
x
007.
7
350
0.0130
40
x
x
x
008.
8
350
0.0107
56
x
x
x
010.
10
350
0.0075
116
x
x
x
Electrical Characteristic Specifications by Item
applications
PS
E
Description
Revised: February 21, 2011


Similar Part No. - 208

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
208 CTS-208 Datasheet
336Kb / 4P
Multifunctional Through Hole Through Hole
logo
Marl International Limi...
208 MARL-208 Datasheet
271Kb / 5P
Direct replacement for T6.8 Slide Base
logo
CTS Corporation
208 CTS-208 Datasheet
386Kb / 4P
Through Hole DIP Switch
logo
Alpha Wire
208 ALPHAWIRE-208 Datasheet
211Kb / 2P
M12-A Male 90 Degree 4 Pin Field Attachable
logo
Vishay Siliconix
208 VISHAY-208 Datasheet
103Kb / 4P
1 3/4" (44.5 mm) Single Turn Conductive Plastic Precision PotentiometerS
22-Nov-16
More results

Similar Description - 208

ManufacturerPart #DatasheetDescription
logo
Littelfuse
388 LITTELFUSE-388 Datasheet
143Kb / 3P
Axial Lead & Cartridge Fuses
505 LITTELFUSE-505 Datasheet
176Kb / 3P
Axial Lead & Cartridge Fuses
209 LITTELFUSE-209 Datasheet
454Kb / 4P
Axial Lead & Cartridge Fuses
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0473.750YRT1L LITTELFUSE-0473.750YRT1L Datasheet
341Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
04732.25MRT1HF LITTELFUSE-04732.25MRT1HF Datasheet
341Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0219005.MXAP LITTELFUSE-0219005.MXAP Datasheet
172Kb / 4P
Axial Lead & Cartridge Fuses
3004M LITTELFUSE-3004M Datasheet
218Kb / 4P
Axial Lead Cartridge Fuses
507 LITTELFUSE-507 Datasheet
573Kb / 3P
Axial Lead & Cartridge Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com