Electronic Components Datasheet Search
  English  ▼

X  

LC7527 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC7527
Description  Graphic Equalizer System
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7527 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC7527 Datasheet HTML 1Page - Sanyo Semicon Device LC7527 Datasheet HTML 2Page - Sanyo Semicon Device LC7527 Datasheet HTML 3Page - Sanyo Semicon Device LC7527 Datasheet HTML 4Page - Sanyo Semicon Device LC7527 Datasheet HTML 5Page - Sanyo Semicon Device LC7527 Datasheet HTML 6Page - Sanyo Semicon Device LC7527 Datasheet HTML 7Page - Sanyo Semicon Device LC7527 Datasheet HTML 8Page - Sanyo Semicon Device LC7527 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
No. 4466-2/11
LC7527E
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD-VEE max
AVDD, AVEE, DVDD, DVEE*
12
V
VIN max1
CL, DI, CE
VSS – 0.3 to VDD + 0.3
V
Maximum input voltage
VIN max2
LIN1, LIN2, RIN1, RIN2
VEE – 0.3 to VDD + 0.3
V
VIN max3
S1
VEE – 0.3 to VDD + 0.3
V
Allowable power dissipation
Pd max
Ta
≤ 85°C
280
mW
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–50 to +125
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Note: * –6 V
≤ V
EE ≤ VSS ≤ VDD
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
VDD
AVDD, DVDD
5
V
Supply voltage
VEE
AVEE, DVEE
–5
V
VDD-VEE
AVDD, AVEE, DVDD, DVEE
8.0
11.0
V
Input high level voltage
VIH
CL, DI, CE
3.0
VDD
V
Input low level voltage
VIL
CL, DI, CE
VSS
1.0
V
Input amplitude voltage
VIN1
LIN1, LIN2, RIN1, RIN2
VEE
VDD
Vp-p
VIN2
S1
VEE
VDD
V
Clock pulse width
tøW
CL
1
µs
Setup time
tsetup
CL, DI, CE
1
µs
Hold time
tHOLD
CL, DI, CE
1
µs
Operating frequency
fopg
CL
500
kHz
Allowable Operating Ranges at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
THD (1)
VOUT = 1 Vrms, FLAT, f = 20 kHz
0.01
0.05
%
THD (2)
VOUT = 1 Vrms, FLAT, f = 1 kHz
0.001
0.005
%
Total harmonic distortion
THD (3)
VOUT = 300 mVrms, FLAT, f = 20 kHz
0.042
0.2
%
with all bands at full boost
THD (4)
VOUT = 300 mVrms, FLAT, f = 1 kHz
0.045
0.2
%
with all bands at full boost
Crosstalk
CT
VOUT = 1 Vrms, f = 20 kHz, FLAT, Rg = 1 kΩ
58
dB
Setting error
∆B
with other bands flat
–2
+2
dB
Current drain
IDD
VDD-VEE = 11 V
30
mA
Analog switch off leakage current
IOFF
LIN1, LIN2, RIN1, RIN2
10
µA
Electrical Characteristics at Ta = 25°C, VDD = 5 V, VEE = –5 V, VSS = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com