Electronic Components Datasheet Search
  English  ▼

X  

MGA Datasheet(PDF) 1 Page - Tyco Electronics

Part # MGA
Description  GRID HIGH-PERFORMANCE RELAYS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MGA Datasheet(HTML) 1 Page - Tyco Electronics

  MGA Datasheet HTML 1Page - Tyco Electronics MGA Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MGA
STANDARD .100 GRID
HIGH-PERFORMANCE RELAY
QUALIFIED TO
MIL-R-39016/17
FEATURES
■ Hermetically sealed
■ High shock & vibration
ratings
■ Mounting pads
■ Excellent RF switching
MGAD
STANDARD .100 GRID
DIODE SUPPRESSED
HIGH-PERFORMANCE RELAY
QUALIFIED TO
MIL-R-39016/18
FEATURES
■ Suppression diode
■ Hermetically sealed
■ High shock & vibration
ratings
■ Mounting pads
■ Excellent RF switching
MGAT
STANDARD .100 GRID DIODE
SUPPRESSED/MOSFET DRIVEN
HIGH-PERFORMANCE RELAY
QUALIFIED TO
MIL-R-28776/6
FEATURES
■ MOSFET driver, zener
& suppression diodes
■ Hermetically sealed
■ High shock & vibration
ratings
■ Mounting pads
■ Excellent RF switching
MGADD
STANDARD .100 GRID DIODE
SUPPRESSED/PROTECTED
HIGH-PERFORMANCE RELAY
QUALIFIED TO
MIL-R-39016/19
FEATURES
■ Suppression &
protection diodes
■ Hermetically sealed
■ High shock & vibration
ratings
■ Mounting pads
■ Excellent RF switching
X2
A2
B2
A1
B1
A3
B3
X1
+
–
X1
A2
B2
A1
B1
A3
B3
X2
X2
A2
B2
A1
B1
A3
B3
X1
+
–
16
CONTACT RATINGS
CONTACT
TYPE
OPERATIONS
LOAD
MIN.
1.0 A @ 28 Vdc
Resistive
100,000
250 mA @ 115 Vac, 60 Hz & 400 Hz
Resistive (case not grounded)
100,000
100 mA @ 115 Vac, 60 Hz & 400 Hz
Resistive
100,000
0.2 A @ 28 Vdc
Inductive (0.32 Henry)
100,000
0.1 A @ 28 Vdc
Lamp
100,000
30 µA @ 50 mVdc
Low Level
1,000,000
0.1 A @ 28 Vdc
Intermediate Current
50,000
ELECTRICAL CHARACTERISTICS
CONTACT ARRANGEMENT
2 Form C (DPDT)
CONTACT MATERIAL
Stationary:
Gold/platinum/palladium/silver
(gold plated)
Moveable:
Gold/platinum/palladium/silver
(gold plated)
CONTACT RESISTANCE
Before Life: 100 milliohms max.
(measured @ 10 mA @ 6 Vdc)
After Life: 200 milliohms max.
(measured @ 1 A @ 28 Vdc)
MECHANICAL LIFE EXPECTANCY
1 million operations
COIL VOLTAGE
5 to 26.5 Vdc
COIL POWER
660 mW max. @ 25°C
DUTY CYCLE
Continuous
PICK-UP VOLTAGE
Approximately 50% of
nominal coil voltage
PICK-UP SENSITIVITY
130 mW max. @ 25°C
.335 (8.51) SQ MAX
.370 (9.40) SQ MAX
.335 (8.51) MAX
.370 (9.40) MAX
.435 (11.05) MAX
8 PINS
.017
(0.43) DIA
+.002
-.001
9 PINS
.017
(0.43) DIA
+.002
-.001
.280 (7.11)
MAX
.280 (7.11)
MAX
TERMINALS
C .500 MIN (12.7)
P .187
±.010 (4.75 ±.25)
(Length excludes mounting pad)
MGA/MGAD/MGADD ENCLOSURE
MGA
MGAT
MGAT ENCLOSURE
MGA/MGAD/MGADD HEADER
MGAT HEADER
MGA ■ MGAD ■ MGADD ■ MGAT
Tyco Electronics Corporation www.tycoelectronics.com 800-522-6752 (U.S.A.) or 717-564-0100 Specifications subject to change. CII and TYCO are trademarks. ©2003 by Tyco Electronics Corporation
TERMINAL VIEW
TERMINAL VIEW
TERMINAL VIEW
TERMINAL VIEW
GROUND PIN
(OPTIONAL)
.100
(2.54)
.100
(2.54)
.031
± .003 (0.79)
.035
(0.98)
.375 (9.40) SQ MAX
.100
(2.54)
.100
(2.54)
.031
± .003 (0.79)
GROUND PIN
(OPTIONAL)
.035
(0.98)
.475
(11.94)
MAX
.375 (9.40) MAX
X2
A2
B2
A1
B1
A3
B3
X1
_
+
G


Similar Part No. - MGA

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MGA SCHURTER-MGA Datasheet
429Kb / 2P
Surface Mount Fuse, 3.2 x 1.55 mm, Super-Quick-Acting FF, 125 VAC, 125 VDC, 150 째C
logo
Surge Components
MGA SURGE-MGA Datasheet
3Mb / 6P
rohs compliance
logo
Schurter Inc.
MGA SCHURTER-MGA Datasheet
311Kb / 4P
Solid State, Thin Film, SMD 1206, Super-Quick-Acting FF, 125 VAC, 125 VDC, 150
MGA SCHURTER-MGA Datasheet
322Kb / 4P
Solid State, Thin Film, SMD 1206, Super-Quick-Acting FF, 125 VAC, 125 VDC, 150 째C
04.01.2022
logo
M-System Co.,Ltd.
MGA-100 MSYSTEM-MGA-100 Datasheet
105Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results

Similar Description - MGA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HFW MACOM-HFW Datasheet
86Kb / 2P
HALF SIZE HIGH PERFORMANCE RELAYS
MACDG-26S MACOM-MACDG-26S Datasheet
102Kb / 2P
TO-5 HIGH-PERFORMANCE RELAYS
MFW MACOM-MFW Datasheet
82Kb / 1P
HIGH PERFORMANCE RELAYS
MGS MACOM-MGS Datasheet
96Kb / 2P
GRID HIGH-PERFORMANCE RELAYS
MSD MACOM-MSD Datasheet
95Kb / 2P
HIGH-PERFORMANCE RELAYS
SMGS MACOM-SMGS Datasheet
78Kb / 2P
GRID SURFACE MOUNT HIGH-PERFORMANCE
SRBW-4C-24B MACOM-SRBW-4C-24B Datasheet
98Kb / 2P
HALF SIZE HIGH PERFORMANCE RELAYS
HFW1106K12 MACOM-HFW1106K12 Datasheet
101Kb / 3P
HALF SIZE HIGH PERFORMANCE RELAYS
HFW1130K06 MACOM-HFW1130K06 Datasheet
122Kb / 2P
Military/Aerospace High Performance Relays
HFW1201K00 MACOM-HFW1201K00 Datasheet
92Kb / 2P
Military Aerospace High Performance Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com