Electronic Components Datasheet Search
  English  ▼

X  

LC75341M Datasheet(PDF) 17 Page - Sanyo Semicon Device

Part # LC75341M
Description  Single-Chip Volume and Tone Control System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75341M Datasheet(HTML) 17 Page - Sanyo Semicon Device

Back Button LC75341M Datasheet HTML 12Page - Sanyo Semicon Device LC75341M Datasheet HTML 13Page - Sanyo Semicon Device LC75341M Datasheet HTML 14Page - Sanyo Semicon Device LC75341M Datasheet HTML 15Page - Sanyo Semicon Device LC75341M Datasheet HTML 16Page - Sanyo Semicon Device LC75341M Datasheet HTML 17Page - Sanyo Semicon Device LC75341M Datasheet HTML 18Page - Sanyo Semicon Device LC75341M Datasheet HTML 19Page - Sanyo Semicon Device LC75341M Datasheet HTML 20Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Bass Band Circuit
This section presents the equivalent circuit and the calculations for the external capacitors and resistors used to achieve a
center frequency of 100 Hz.
• Bass band equivalent circuit
• Sample calculation
Specifications
Center frequency: f0 = 100 Hz
Gain at maximum boost: G = 20 dB
Let R1 = 0, R2 = 66.6 K
Ω, and C1 = C2 = C.
(1) Determine R2 from the fact that G = 20 dB.
R2
G+20dB = 20 × LOG10 1 + ——
2R3
R2
66000
R3 = ———————— = —————
≠ 3.7 kΩ
2 (10G+20dB/20 – 1)
2
× (10 – 1)
(2) Determine C from the fact that the center frequency f0 = 100 Hz.
1
f 0 = ————————
2
π R3R2C1C2
11
C = —————— = ———————————
≠ 0.1 µF
2
πf 0 R3R22π × 100 66000 × 3700
(3) Determine Q.
R3R2
1
Q = ——— • ———
≠ 2.1
2R3
R3R2
• Treble band circuit
The treble band circuit provides shelving characteristics.
This section presents the equivalent circuit in boost mode and the formulas used to calculate the external component
values.
No. 6270-17/20
LC75341, 75341M
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com