Electronic Components Datasheet Search
  English  ▼

X  

MSR Datasheet(PDF) 1 Page - Tyco Electronics

Part # MSR
Description  High inrush currents with AgSnO contacts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MSR Datasheet(HTML) 1 Page - Tyco Electronics

  MSR_05 Datasheet HTML 1Page - Tyco Electronics MSR_05 Datasheet HTML 2Page - Tyco Electronics MSR_05 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
Miniature Power PCB Relay MSR
I 1 pole 8 / 10 A, 1CO or 1NO contact
I High inrush currents with AgSnO contacts (TV4 = 65 A)
I 4 kV/8 mm coil-contact
I Reinforced insulation (protection class II)
I Ambient temperature up to 85°C at 8 A
I Plastic materials according to IEC60335-1 (domestic appliances)
I RoHS compliant (Directive 2002 / 95 / EC) as per
product date code 0404
Applications
HVAC, interface technology, power supplies, TV-/Monitor control,
computer-/communication technology, domestic appliances, Hi-Fi
products, timers
F0143-C
Approvals
V REG.-Nr. 3919, Z E214024
Technical data of approved types on request
Contact data
Contact configuration
1CO or 1NO
Contact set
single contact
Type of interruption
micro disconnection
Rated current
versions A,B:
8 A
versions C,D:
10 A
Rated voltage / max.switching voltage AC
240/400 VAC
Maximum breaking capacity AC
2000 VA
Limiting making capacity, max 20 ms
A302: 65 A
max 4 s, duty factor 10%
15 A
15 A
Contact material
AgSnO2, AgCdO
AgNi0,15*
Mechanical endurance
10x106 cycles
Rated frequency of operation with / without load
6 / 1200 min-1
*not recommended for AC loads with arcing (CC2 according prEN61810-2)
Contact ratings
Type
Load
Cycles
V23061-A1***-A302
8 A, 250 VAC, resistive load, 85°C, 1 mm mountig
distance, 6 cycles min-1, 50% duty factor, EN61810-1 100x103
V23061-C2***-A302
10 A, 250 VAC, resistive load, 85°C, 0 mm mountig
distance, 6 cycles min-1, 50% duty factor, EN61810-1 10x103
V23061-C2***-A302
5 A, 250 VAC, resistive load, 105°C, 0 mm mountig
distance, 6 cycles min-1, 50% duty factor, EN61810-1 100x103
V23061-A1***-A302
TV-4 Tungsten, 120 VAC, UL508
25x103
V23061-*****-A30*,
240 VAC, A300, Pilot duty, UL508
6x103
Coil data
Rated coil voltage range DC coil
3...60 VDC
Coil power DC coil
typ. 220 mW
Operative range
2
Coil insulation system according UL1446
Class A, Class F
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
001
3
2.1
0.3
40+10%
225
002
5
3.4
0.5
118+10%
212
003
6
4.1
0.6
165+10%
218
004
9
6.1
0.9
364+10%
223
005
12
8.2
1.2
652+10%
221
007
24
16.3
2.4
2270+10%
254
009
48
32.6
4.8
8790+10%
262
010
60
40.8
6.0
15265+15%
236
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request


Similar Part No. - MSR_05

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
MSR205NJR MSPI-MSR205NJR Datasheet
48Kb / 1P
Sound Level Category Loud
MSR205NJSR MSPI-MSR205NJSR Datasheet
57Kb / 1P
Sound Level Category Loud
MSR205NPR MSPI-MSR205NPR Datasheet
44Kb / 1P
Sound Level Category Loud
MSR205NPSR MSPI-MSR205NPSR Datasheet
57Kb / 1P
Sound Level Category Loud
MSR205NR MSPI-MSR205NR Datasheet
44Kb / 1P
Sound Level Category Loud
More results

Similar Description - MSR_05

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
40947 MACOM-40947 Datasheet
204Kb / 3P
1 pole 10 A, for high inrush currents, mono- or bistable
logo
Protek Devices
PF0603H PROTEC-PF0603H Datasheet
474Kb / 6P
HIGH INRUSH fus es
PF0603H PROTEC-PF0603H_15 Datasheet
477Kb / 6P
HIGH INRUSH FUSES
PF1206H PROTEC-PF1206H_15 Datasheet
482Kb / 6P
HIGH INRUSH FUSES
logo
Copal Electronics
ELE120AY-3-Z COPAL-ELE120AY-3-Z Datasheet
224Kb / 2P
High Inrush Lever Switches
logo
Illinois Capacitor, Inc...
PPB ILLINOISCAPACITOR-PPB Datasheet
428Kb / 3P
High Pulse Currents - High voltage
PPR ILLINOISCAPACITOR-PPR Datasheet
343Kb / 3P
High Pulse Currents - High voltage
logo
TE Connectivity Ltd
RP3SL TEC-RP3SL Datasheet
287Kb / 3P
For high inrush currents up to 120A
logo
GOOD-ARK Electronics
S0603H GOOD-ARK-S0603H Datasheet
272Kb / 2P
High inrush
logo
PHOENIX CONTACT
EMG17-KSR-G24 PHOENIX-EMG17-KSR-G24 Datasheet
130Kb / 4P
Relay module for high inrush currents, with soldered-in relay, contacts (AgCdO capacitive W): medium to large loads, 1 N/O contact, input voltage 24 V DC, max. inrush current 80 A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com