Electronic Components Datasheet Search
  English  ▼

X  

HLJC1002G Datasheet(PDF) 1 Page - Littelfuse

Part # HLJC1002G
Description  Inline Holder for JCASE??Style Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

HLJC1002G Datasheet(HTML) 1 Page - Littelfuse

  HLJC1002G Datasheet HTML 1Page - Littelfuse HLJC1002G Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
©2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Fuseholders
Specifications
Maximum Voltage Rating:
58V
Maximum Current Rating:
See table below.
Cable Insulation
GXL, 125˚C
Operating Temperature Range:
-40˚C to +125˚C
Max. Fuse Insertion Force:
49N
This product is an In-line fuse holder for use with either standard
or Low Profile JCASE™ fuses, 20A - 60A. It offers size and
weight savings compared to MAXI™ fuseholders, and has an
optional protective cover for splash resistance. Standard product
will have two 102mm red wire leads. Wire length and insulation
color can be customized upon request. Tinned wires also
available upon request. All customizations have minimum order
requirements. Contact Littelfuse sales representative for details.
There are two available mounting options: One version with
mounting brackets, and one with a mounting hole through the
body.
Part Number
Description
Cover
Mounting
Wire Size
Fuse Rating
0FHJ1001G
Standard JCASE Holder
None
Standard Thru-Hole
10AWG
40 A max
0FHJ1002G
Standard JCASE Holder
None
Standard Thru-Hole
8AWG
60 A max
0FHJ2001G
Standard JCASE Holder
None
Mounting Bracket
10AWG
40 A max
0FHJ2002G
Standard JCASE Holde
None
Mounting Bracket
8AWG
60 A max
FHJC1001G
Standard JCASE Holder
Yes
Standard Thru-Hole
10AWG
40 A max
FHJC1002G
Standard JCASE Holder
Yes
Standard Thru-Hole
8AWG
60 A max
FHJC2001G
Standard JCASE Holder
Yes
Mounting Bracket
10AWG
40 A max
FHJC2002G
Standard JCASE Holder
Yes
Mounting Bracket
8AWG
60 A max
HLJC1001G
Low Profile JCASE Holder
Yes
Standard Thru-Hole
10AWG
40 A max
HLJC1002G
Low Profile JCASE Holder
Yes
Standard Thru-Hole
8AWG
40 A max
HLJC2001G
Low Profile JCASE Holder
Yes
Mounting Bracket
10AWG
40 A max
HLJC2002G
Low Profile JCASE Holder
Yes
Mounting Bracket
8AWG
40 A max
*Note: XXXX1 Series includes 4.0mm diameter mounting thru-hole; XXXX2 Series includes mounting brackets
Inline Holder for JCASE™ Style Fuses


Similar Part No. - HLJC1002G

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
HLJC1002G LINEAGEPOWER-HLJC1002G Datasheet
409Kb / 2P
Inline Holder for JCASE??Style Fuses
logo
Littelfuse
HLJC1002G LITTELFUSE-HLJC1002G Datasheet
237Kb / 1P
HLJC SERIES JCASE짰 FUSE HOLDER
Rev: 011020
HLJC1002G LITTELFUSE-HLJC1002G Datasheet
172Kb / 2P
JCASE짰 FHJ SERIES IN-LINE CARTRIDGE FUSE HOLDER
2021
HLJC1002GA LITTELFUSE-HLJC1002GA Datasheet
237Kb / 1P
HLJC SERIES JCASE짰 FUSE HOLDER
Rev: 011020
HLJC1002GA LITTELFUSE-HLJC1002GA Datasheet
172Kb / 2P
JCASE짰 FHJ SERIES IN-LINE CARTRIDGE FUSE HOLDER
2021
More results

Similar Description - HLJC1002G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
153.1002 LITTELFUSE-153.1002 Datasheet
54Kb / 1P
BF-Inline Fuses for rated voltage up to 32 V
895 LITTELFUSE-895 Datasheet
172Kb / 1P
Low Prroffiille JCASE Fuses
logo
Lineage Power Corporati...
0FHJ1001G LINEAGEPOWER-0FHJ1001G Datasheet
409Kb / 2P
Inline Holder for JCASE??Style Fuses
logo
Littelfuse
02981028HXFCB LITTELFUSE-02981028HXFCB Datasheet
177Kb / 2P
MEGA짰-FLEX Holder for MEGA짰 Fuses
01520001TXN LITTELFUSE-01520001TXN Datasheet
183Kb / 1P
Fuse Holder for MAXI짰 Style Blade Fuse
0FHA0001ZXJ LITTELFUSE-0FHA0001ZXJ Datasheet
586Kb / 1P
INLINE FUSE HOLDER FOR ATO STYLE BLADE FUSE
0FHJ1001 LITTELFUSE-0FHJ1001_15 Datasheet
1Mb / 2P
INLINE FUSE HOLDER FOR JCASE STYLE FUSES (Std. & LP)
0FHJ3003U LITTELFUSE-0FHJ3003U_12 Datasheet
102Kb / 1P
Low Profile JCASE Panel-Mount Fuse Holder
0FHM000XLXN LITTELFUSE-0FHM000XLXN Datasheet
562Kb / 1P
INLINE SPLASHPROOF FUSE HOLDER
04980921GXM5 LITTELFUSE-04980921GXM5 Datasheet
836Kb / 2P
INLINE MIDI FUSE HOLDER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com