Electronic Components Datasheet Search
  English  ▼

X  

MW3HP Datasheet(PDF) 3 Page - Tyco Electronics

Part # MW3HP
Description  Microwave Switching, Hermetically Sealed, DPDT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MW3HP Datasheet(HTML) 3 Page - Tyco Electronics

  MW3HP Datasheet HTML 1Page - Tyco Electronics MW3HP Datasheet HTML 2Page - Tyco Electronics MW3HP Datasheet HTML 3Page - Tyco Electronics MW3HP Datasheet HTML 4Page - Tyco Electronics MW3HP Datasheet HTML 5Page - Tyco Electronics MW3HP Datasheet HTML 6Page - Tyco Electronics MW3HP Datasheet HTML 7Page - Tyco Electronics MW3HP Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Catalog 1654542
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 12-03
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Microwave Switching, Hermetically Sealed, DPDT (Continued)
MW3 / MW4 / MW6 / MW3HP / MW4HP / MW6HP Series Relays
Enclosures
.385 (9.78)
MAX
.370 (9.40) DIA MAX
.275 (6.99)
MAX
.335 (8.51) DIA MAX
.335 (8.51) DIA MAX
.017
(0.43) DIA
+.002
-.001
.370 (9.40) DIA MAX
.017
(0.43) DIA
+.002
-.001
TERMINAL
P = .187
±.010 (4.75±.25)
A = .750 MIN (19.05)
Insertion Loss & VSWR: NO Contacts
Part Numbering System
Typical Part Number
MW3 S – 5
A
G
Series:
MW3 = 3 GHz. switching relay
MW3HP = High performance 3 GHz. switching relay
Coil Sensitivity:
Leave Blank = Standard Coil
S = Sensitive Coil
Coil Designator:
5 = 5VDC
6 = 6VDC†
9 = 9VDC†
12 = 12VDC
18 = 18VDC
26 = 26.5VDC
† 6 and 9 volt coil only available on high performance models.
Terminal Length:
A = 0.750 in (19.05 mm)
P = 0.187 ± 0.010 in (4.75 ± 0.25 mm)
Ground Pin Position (see header drawings above):
G = Opposite locating tab
E = Near locating tab.
Consult factory for other ground pin configurations.
Header
GROUND PIN
(OPTIONAL)
.031 ± .003
(0.79)
36
°+ 3°
.035± .010
(0.89)
.200 DIA
.370 (9.40) DIA MAX
(5.08)
GROUND PIN
(OPTIONAL)
.031 ± .003
(0.79)
36
°+ 3°
.035± .010
(0.89)
.200 DIA
.370 (9.40) DIA MAX
(5.08)
Wiring Diagram
Insertion Loss & VSWR: NC Contacts
Isolation
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.1
0.0
0.2
0.3
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
(dB)
VSWR
FREQUENCY (GHz)
0.5
1.0
1.5
2.0
2.5
3.0
INSERTION LOSS
VSWR
-50
-40
-30
-20
0
-10
(dB)
FREQUENCY (GHz)
0.5
1.0
1.5
2.0
2.5
3.0
ISOLATION
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.1
0.0
0.2
0.3
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
(dB)
FREQUENCY (GHz)
0.5
0
0
0
1.0
1.5
2.0
2.5
3.0
INSERTION LOSS
VSWR
VSWR
Test Conditions
Test Board: 0.031” double sided copper clad, PTFE based laminate.
Connections: Relay header is soldered to ground place. Relay terminals are soldered to through holes. SMA connectors are soldered to circuit traces.
Temperature: Room ambient.
Signal Strength: 0 dBm.
Notes: 1. Unused terminals were terminated with 50 ohm impedance load. 2. All readings are typical.
MW3 / MW3HP
MW3S / MW3HPS
Ground Pin
Position “G”
Ground Pin
Position “E”
For other ground pin configurations consult factory.
Header and Terminal Finish:
Nickel plated on MW3 & MW3S.
Tin-lead plated on MW3HP & MW3HPS.
Terminal View
MW3 & MW3HP Models
3 GHz. Switching



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com