Electronic Components Datasheet Search
  English  ▼

X  

LC75343 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC75343
Description  Electronic Volume Control System on-Chip
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75343 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC75343 Datasheet HTML 9Page - Sanyo Semicon Device LC75343 Datasheet HTML 10Page - Sanyo Semicon Device LC75343 Datasheet HTML 11Page - Sanyo Semicon Device LC75343 Datasheet HTML 12Page - Sanyo Semicon Device LC75343 Datasheet HTML 13Page - Sanyo Semicon Device LC75343 Datasheet HTML 14Page - Sanyo Semicon Device LC75343 Datasheet HTML 15Page - Sanyo Semicon Device LC75343 Datasheet HTML 16Page - Sanyo Semicon Device LC75343 Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
No. 6867-13/28
LC75343M
Pin Functions
Pin No.
Pin Name
Function
Equivalent circuit
• Input signal pins
18
17
16
15
14
20
21
22
23
24
L1
L2
L3
L4
L5
R1
R2
R3
R4
R5
VDD
VDD
SEL0
Ln
Rn
Vref
VDD
BASS1
SB
BASS2
• Input selector output pins
13
25
LSEL0
RSEL0
• Capacitor and resistor connection pins for configuring filter,
used for bass and super bass band, or for mid and bass
10
9
28
29
8
30
LBASS1
LBASS2
RBASS1
RBASS2
LSB
RSB
VDD
OUT
• ATT + equalizer output pins/capacitor connection pins used
to configure super bass filter
7
31
LOUT
ROUT
VDD
VRIN
• Volume input pins
12
26
LVRIN
RVRIN
VDD
TRE
• Capacitor connection pins for configuring treble band filter
11
27
LTRE
RTRE
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com