Electronic Components Datasheet Search
  English  ▼

X  

RT3S5LC4 Datasheet(PDF) 1 Page - Tyco Electronics

Part # RT3S5LC4
Description  Relay package consisting of RT relay, DIN-rail socket, plastic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT3S5LC4 Datasheet(HTML) 1 Page - Tyco Electronics

  RT3S5LC4 Datasheet HTML 1Page - Tyco Electronics RT3S5LC4 Datasheet HTML 2Page - Tyco Electronics RT3S5LC4 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
Rev. FG1
Issued 2006/07
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
Relay Package RT
I Relay package consisting of RT relay, DIN-rail socket, plastic
retaining clip, module and marking tag
I 1 CO with 16 A or 2 CO with 8 A rated load
I Sensitive DC- or AC coil
I Reinforced insulation (protection class II / VDE 0700), safe
separation to VDE 0160
I
I RoHS compliant (Directive 2002/95/EC)
as per production date code 0535
Approvals
Relay:
V REG.-Nr. 6106, Z E214025
Socket:
V REG.-Nr. 6106 in preparation, Z E135149
Technical data of approved types on request
Contact data
1-pole
2-pole
Contact configuration
1 CO
2 CO
Contact set
single contact
Type of interruption
micro disconnection
Rated current
16 A *)
8 A
Rated voltage / max.switching voltage AC
240/400 VAC
Maximum breaking capacity AC
4000 VA
2000 VA
Limiting making capacity,max 4 s, df 10%
30 A
15 A
Contact material
AgNi 90/10, AgNi90/10 gold plated
Mechanical endurance DC coil
> 30 x 106
>30x106
AC coil
> 10 x 106
>5 x 106
Rated frequency of operation with / without load
6 / 1200 min-1
*) For full load current (16 A) the relay terminals 11-21, 12-22 and 14-24 have to be bridged.
Contact ratings
For contact ratings see datasheet
Interface Power relay RT
Coil data
Rated coil voltage range DC coil
24 VDC
AC coil
24, 230 VAC
Coil power DC coil
typ 400 mW
AC coil
typ 0.75 VA
Operative range
2
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
LC4
24
16.8
2.4
1440+10%
400
Coil versions, AC-coil 50Hz
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
50 Hz
50 Hz
50 Hz
VAC
VAC
VAC
Ohm
VA
R24
24
18.0
3.6
350+10%
0.76
S15
115
86.3
17.3
8100+15%
0.76
T30
230
172.5
34.5
32500+15%
0.74
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request
F0287-A


Similar Part No. - RT3S5LC4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RT3S4R24 TEC-RT3S4R24 Datasheet
1Mb / 4P
Rectangular Connector Hoods & Bases
08/07/2021 12:41PM
More results

Similar Description - RT3S5LC4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2967086 ETC2-2967086 Datasheet
140Kb / 8P
PLC relay, consisting of base terminal block PLCBSC
logo
Tyco Electronics
SR6Z MACOM-SR6Z Datasheet
163Kb / 2P
Safety Relay on DIN-rail SR6Z
PT2S7LB2 MACOM-PT2S7LB2 Datasheet
315Kb / 3P
Relay package consisting of PT relay, DIN-rail socket, plastic
ST3P2LC4 MACOM-ST3P2LC4 Datasheet
138Kb / 2P
Relay package consisting of DIN-rail socket and relay
RT114024 MACOM-RT114024_05 Datasheet
211Kb / 3P
Interface Power Relay RT
RT114024 MACOM-RT114024_08 Datasheet
267Kb / 3P
Interface Power Relay RT
2-1415074-1 MACOM-2-1415074-1 Datasheet
237Kb / 3P
Relay Package RT
RT17017 MACOM-RT17017 Datasheet
544Kb / 6P
Accessories Industrial Power Relay RT
logo
Willow Technologies Ltd
SERIESDX WILLOW-SERIESDX Datasheet
192Kb / 2P
DIN Rail Relay AC/DC Control
logo
TE Connectivity Ltd
SNR TEC-SNR_14 Datasheet
368Kb / 2P
Relay package consisting of DIN-rail socket and relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com