Electronic Components Datasheet Search
  English  ▼

X  

PB314012 Datasheet(PDF) 1 Page - Tyco Electronics

Part # PB314012
Description  Miniature Power PCB Relay PB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PB314012 Datasheet(HTML) 1 Page - Tyco Electronics

  PB314012 Datasheet HTML 1Page - Tyco Electronics PB314012 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
Miniature Power PCB Relay PB
I 1pole 10 A, 1 CO or 1 NO contact
I Environmentally-friendly cadmium-free contacts
I Class F coil system standard
I Compact and simple design gives high process security
I Versions PB1 and PB5: Product in accordance to IEC60335-1
(PB3 on request)
I RoHS compliant (Directive 2002/95/EC)
as per product date code 0346
Applications
White goods, small home appliances, heating temperature
controllers
F0224-A
Approvals
V REG.-Nr. 121560, Z E214025
Technical data of approved types on request
Contact data
Contact configuration
1 CO or 1 NO contact
Contact set
single contact
Type of interruption
micro-disconnection
Rated current
10 A
Rated voltage / max.switching voltage AC
240/400 VAC
Maximum breaking capacity AC
2500 VA
Limiting making capacity, max 4 s, duty factor 10%
15 A
Contact material
AgNi 90/10, AgSnO2
Mechanical endurance
5x106 cycles
Rated frequency of operation with / without load
6/600 min-1
Contact ratings
Type
Load
Cycles
AgNi NO
10 A, 250 VAC, 85°C, resistive, 50Hz, EN61810
20x103
AgSnO NO 10 A, 250 VAC, 85°C, resistive, 50Hz, EN61810
40x103
AgNi NO
6 A, 250 VAC, 85°C, resistive, 50Hz, EN61810
100x103
AgNi CO
10 A/3 A, 250 VAC, 85°C, resistive, 50Hz, EN61810
30x103
AgNi CO
(NO tested), 10 A, 250 VAC, 85°C, resistive, 50Hz, EN61810
30x103
AgNi CO
10 A/10 A, 250 VAC, 85°C, resistive, 50Hz, EN61810
1x103
Coil data
PB standard
PB 500 mW
Rated coil voltage range DC coil
5...48 VDC
5...24 VDC
Coil power DC coil
typ. 360 mW
typ. 500 mW
Operative range
2
Non-release voltage, % of rated coil voltage
50%
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
Coil versions, DC-coil, 360mW
005
5
3.75
0.5
70+10%
357
006
6
4.5
0.6
100+10%
360
009
9
6.75
0.9
225+10%
360
012
12
9.0
1.2
400+10%
360
018
18
13.5
1.8
900+10%
360
022
22
16.5
2.2
1344+10%
360
024
24
18.0
2.4
1600+10%
360
048
48
36
4.8
6400+10%
360
Coil versions, DC-coil, 500mW
005
5
3. 75
0.5
48+10%
521
006
6
4.5
0.6
69+10%
522
012
12
9
1.2
274+10%
526
024
24
18
2.4
1097+10%
525
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request


Similar Part No. - PB314012

ManufacturerPart #DatasheetDescription
logo
Powerbox
PB314 POWERBOX-PB314 Datasheet
1Mb / 3P
6 3 6 - 7 4 5 WAT T S B AT T E R Y C H A R G E R S Y S T E M
PB314-12-43-C POWERBOX-PB314-12-43-C Datasheet
1Mb / 3P
6 3 6 - 7 4 5 WAT T S B AT T E R Y C H A R G E R S Y S T E M
PB314-12-43-H POWERBOX-PB314-12-43-H Datasheet
1Mb / 3P
6 3 6 - 7 4 5 WAT T S B AT T E R Y C H A R G E R S Y S T E M
PB314-12-53-C POWERBOX-PB314-12-53-C Datasheet
1Mb / 3P
6 3 6 - 7 4 5 WAT T S B AT T E R Y C H A R G E R S Y S T E M
PB314-24-27-C POWERBOX-PB314-24-27-C Datasheet
1Mb / 3P
6 3 6 - 7 4 5 WAT T S B AT T E R Y C H A R G E R S Y S T E M
More results

Similar Description - PB314012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG4115 ETC-HG4115 Datasheet
51Kb / 2P
MINIATURE PCB POWER RELAY
logo
DB Lectro Inc
HG4510 DBLECTRO-HG4510 Datasheet
43Kb / 2P
Miniature PCB Power Relay
HG4515 DBLECTRO-HG4515 Datasheet
78Kb / 2P
Miniature PCB Power Relay
logo
Tyco Electronics
MSR MACOM-MSR Datasheet
205Kb / 3P
Miniature Power PCB Relay
PCH MACOM-PCH Datasheet
127Kb / 3P
Miniature Power PCB Relay
T7N MACOM-T7N Datasheet
157Kb / 3P
Miniature Power PCB Relay
logo
American Electronic Com...
DX85-INRUSH AEC-DX85-INRUSH Datasheet
214Kb / 2P
miniature pcb power relay
logo
Picker Components
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
Miniature PCB Power Relay
logo
Willow Technologies Ltd
DG6D WILLOW-DG6D Datasheet
203Kb / 2P
miniature pcb power relay
DG6L WILLOW-DG6L Datasheet
230Kb / 3P
miniature pcb power relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com