Electronic Components Datasheet Search
  English  ▼

X  

LC75366M Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC75366M
Description  Two-Channel Electronic Volume Control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75366M Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC75366M Datasheet HTML 3Page - Sanyo Semicon Device LC75366M Datasheet HTML 4Page - Sanyo Semicon Device LC75366M Datasheet HTML 5Page - Sanyo Semicon Device LC75366M Datasheet HTML 6Page - Sanyo Semicon Device LC75366M Datasheet HTML 7Page - Sanyo Semicon Device LC75366M Datasheet HTML 8Page - Sanyo Semicon Device LC75366M Datasheet HTML 9Page - Sanyo Semicon Device LC75366M Datasheet HTML 10Page - Sanyo Semicon Device LC75366M Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
No. 4929-11/11
LC75366, 75366M
Therefore, under such conditions where f = 1 kHz, specifications may be satisfied if C (capacitor) having these
impedances is supplied externally.
The result is that C1 = 893 pF and C2 = 0.9 µF.
Figure 1
Usage Notes
1. The states of the internal analog switches will be indeterminate when power is first applied. Muting should be
applied externally until control data has been transferred and stored.
2. The signal lines for the CL, DI and CE pins should either be covered by the pattern ground or be formed from
shielded cable to prevent the high-frequency digital signals transmitted over these lines from entering the analog
system.
This catalog provides information as of November, 1997. Specifications and information herein are subject to
change without notice.
s No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace
equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of
which may directly or indirectly cause injury, death or property loss.
s Anyone purchasing any products described or contained herein for an above-mentioned use shall:
Œ Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and
distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all
damages, cost and expenses associated with such use:
 Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on
SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees
jointly or severally.
s Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for
volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied
regarding its use or any infringements of intellectual property rights or other rights of third parties.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com