Electronic Components Datasheet Search
  English  ▼

X  

RM809730 Datasheet(PDF) 1 Page - Tyco Electronics

Part # RM809730
Description  Power Relay RM 8
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RM809730 Datasheet(HTML) 1 Page - Tyco Electronics

  RM809730 Datasheet HTML 1Page - Tyco Electronics RM809730 Datasheet HTML 2Page - Tyco Electronics RM809730 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
Rev. FG1
Issued 2006/07
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
Power Relay RM 8
I 2 pole 25 A, 2 CO contacts
I DC- or AC-coil
I Mechanical indicator
I Push-to-test-button
I Chassis- or DIN-rail mount
I RoHS compliant (Directive 2002/95/EC)
as per product date code 0415
Applications
Cleaning equipment, heating and cooling equipment
F0165-A
Approvals
V REG.-Nr. 40003144, Z E214025
Technical data of approved types on request
Contact data
RM8
Contact configuration
2 CO contacts
Contact set
single contact
Type of interruption
micro disconnection
Rated current
25 A
Rated voltage / max.switching voltage AC
400 VAC
Maximum breaking capacity AC
6000 VA
Limiting making capacity, max 20 ms
60 A
Contact material
AgNi90/10, AgCdO
Mechanical endurance
10x106 cycles
Rated frequency of operation with / without load
16/100 min-1
Contact ratings
Type
Load
Cycles
RM80
25 A, 415 VAC, UL
10x103
RM80
25 A, 250 VAC, cos
ϕ=1, 35°C, VDE
10x103
RM80
25 A, 240 VAC, 1-phase, per pole, general purpose, UL
6x103
Coil data
Rated coil voltage range DC coil
6...220 VDC
AC coil
6...400 VAC
Coil power DC coil
1.2 W
AC coil
2.8 VA
Operative range
1
Coil versions, DC-coil
Coil code
Rated
Operate
Release
Coil
Rated coil
STD LED PD*
LED+
voltage
voltage
voltage
resistance
power
bipolar
PD*
VDC
VDC
VDC
Ohm
W
006 L06 0A6
LA6
6
4.5
0.6
32+10%
1.1
012 L12 0B2
LB2
12
9.0
1.2
110+10%
1.3
024 L24 0C4
LC4
24
18.0
2.4
475+
+10%
1.2
048 L48 0E8
LE8
48
36.0
4.8
2000+10%
1.2
060 L60 0G0
LG0
60
45.0
6.0
2850+10%
1.3
110 M10 1B0
MB0
110
82.5
11.0
10000+12%
1.2
221 N21 2C1
NC1
220
165.0
22.0
40000+15%
1.2
All figures are given for coil without preenergization, at ambient temperature +23°C
*) Protection diode PD; standard polarity: +A1 / -A2


Similar Part No. - RM809730

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RM809730 MACOM-RM809730 Datasheet
186Kb / 3P
Power Relay
More results

Similar Description - RM809730

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RM78704 MACOM-RM78704 Datasheet
160Kb / 4P
Accessories Power Relay RM
2-1393147-4 MACOM-2-1393147-4 Datasheet
486Kb / 3P
Power Relay RM 8
2-1393147-6 MACOM-2-1393147-6 Datasheet
486Kb / 3P
Power Relay RM 8
2-1393147-8 MACOM-2-1393147-8 Datasheet
486Kb / 3P
Power Relay RM 8
2-1393147-9 MACOM-2-1393147-9 Datasheet
486Kb / 3P
Power Relay RM 8
2-1393844-3 MACOM-2-1393844-3 Datasheet
206Kb / 3P
Accessories Power Relay RM
2-1393844-5 MACOM-2-1393844-5 Datasheet
206Kb / 3P
Accessories Power Relay RM
2-1393844-6 MACOM-2-1393844-6 Datasheet
486Kb / 3P
Power Relay RM 8
2-1393844-7 MACOM-2-1393844-7 Datasheet
486Kb / 3P
Power Relay RM 8
2-1393844-9 MACOM-2-1393844-9 Datasheet
486Kb / 3P
Power Relay RM 8
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com