Electronic Components Datasheet Search
  English  ▼

X  

RT314F12 Datasheet(PDF) 3 Page - Tyco Electronics

Part # RT314F12
Description  Power PCB Relay RT1 bistable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT314F12 Datasheet(HTML) 3 Page - Tyco Electronics

  RT314F12 Datasheet HTML 1Page - Tyco Electronics RT314F12 Datasheet HTML 2Page - Tyco Electronics RT314F12 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
3
Power PCB Relay RT1 bistable (Continued)
Product key
R T
314
Type
Version
3
16 A, pinning 5 mm, flux proof
Contact configuration
1
1 CO contact
Contact material
4
AgNi 90/10
Coil
Coil code: please refer to coil versions table, preferred types in bold print
Product key
Version
Contacts
Cont. material
Coil
Coil
Part number
RT314A12
16 A
1 CO contact
AgNi 90/10
bistable
12 VDC
8-1393239-0
RT314A24
pinning 5 mm
1-coil
24 VDC
8-1393239-1
RT314F12
flux proof
bistable
12 VDC
8-1393239-7
RT314F24
2-coils
24 VDC
8-1393239-8



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com