Electronic Components Datasheet Search
  English  ▼

X  

RT314F24 Datasheet(PDF) 2 Page - Tyco Electronics

Part # RT314F24
Description  Power PCB Relay RT1 bistable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT314F24 Datasheet(HTML) 2 Page - Tyco Electronics

  RT314F24 Datasheet HTML 1Page - Tyco Electronics RT314F24 Datasheet HTML 2Page - Tyco Electronics RT314F24 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
*) With the recommended PCB hole sizes a grid
pattern from 2.5 mm to 2.54 mm can be used.
Power PCB Relay RT1 bistable (Continued)
PCB layout / terminal assignment
Bottom view on solder pins
16 A, pinning 5 mm
1 CO contact
a) Indicated contact position during or after coil
energization with reset voltage.
b) for 2 coil version only
S0418-CM
S0163-CI
S0272-BC
Dimensions
a)
Coils operation
Version
1 coil
2 coils
Coil terminals
A1
A2
A1
A3
A2
Pull-in
+
-
+
-
Reset
-
+
-
+
Contact position not defined at delivery
Insulation
Dielectric strength coil-contact circuit
5000 Vrms
open contact circuit
1000 Vrms
Clearance / creepage coil-contact circuit
W 10 / 10 mm
Material group of insulation parts
W IIIa
Tracking index of relay base
PTI 250 V
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
reinforced
open contact circuit
functional
Rated insulation voltage
250 V
Pollution degree
3
2
Rated voltage system
240 V
400 V
Overvoltage category
III
Other data
RoHS - Directive 2002/95/EC
compliant as per product date code 0413
Flammability class according to UL94
V-0
Ambient temperature range 1 coil
-10...+85°C
2 coils
-40...+85°C
Operate- / reset time
typ 5 / 4 ms
Bounce time NO / NC contact
typ 1 / 3 ms
Vibration / shock resistance (function) opening NC contact
3 / 5 g
opening closed NO contact
6 / 15 g
Shock resistance (destruction)
100 g
Category of protection
RTII - flux proof
Mounting
pcb or on socket
Mounting distance
0 mm
Resistance to soldering heat flux-proof version
270 °C / 10 s
Relay weight
14 g
Packaging unit 1 coil
20 / 500 pcs
2 coils
100 pcs
Accessories
For 1 coil version, details see datasheet
Accessories Power Relay RT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com