Electronic Components Datasheet Search
  English  ▼

X  

RT33K012 Datasheet(PDF) 2 Page - Tyco Electronics

Part # RT33K012
Description  Power PCB Relay RT1 Inrush
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT33K012 Datasheet(HTML) 2 Page - Tyco Electronics

  RT33K012 Datasheet HTML 1Page - Tyco Electronics RT33K012 Datasheet HTML 2Page - Tyco Electronics RT33K012 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
Power PCB Relay RT1 Inrush (Continued)
Coil data, bistable coils
1 coil
2 coils
Coil power
typ 400 mW
typ 600 mW
Operative range
2
Limiting voltage, % of rated coil voltage
120%
150%
Minimum energization duration
30 ms
Maximum energization duration
1 min at < 10% DF
Coil insulation system according UL1446
class F
Coil versions, bistable coil
Coil
Rated
Operate
Reset
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
c
mW
bistable, 1 coil
A05
5
3.5
3.5
62+10%
403
A06
6
4.2
4.2
90+10%
400
A12
12
8.4
8.4
360+
+10%
400
A24
24
16.8
16.8
1440+
+10%
400
bistable, 2 coils
F05
5
3.5
3.5
42+10%
595
F06
6
4.2
4.2
55+10%
655
F12
12
8.4
8.4
240+
+10%
600
F24
24
16.8
16.8
886+
+10%
650
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request
Coils - operation
Version
1 coil
2 coils
Coil terminals
A1
A2
A1
A3
A2
Pull-in
+
-
+
-
Reset
-
+
-
+
Contact position not defined at delivery
Insulation
Dielectric strength coil-contact circuit
5000 Vrms
open contact circuit
1000 Vrms
Clearance / creepage coil-contact circuit
W 10 / 10 mm
Material group of insulation parts
W IIIa
Tracking index of relay base
PTI 250 V
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
reinforced
open contact circuit
functional
Rated insulation voltage
250 V
Pollution degree
3
2
Rated voltage system
240 V
400 V
Overvoltage category
III
Other data
RoHS - Directive 2002/95/EC
compliant as per product date code 0413
Flammability class according to UL94
V-0
Ambient temperature range DC coil
-40...+85°C
bistable 1 coil
-10...+85°C
bistable 2 coils
-40...+85°C
Operate- / release time DC coil
typ 8 / 3 ms
Operate- / reset time bistable
typ 5 / 4 ms
Bounce time NO / NC contact
typ 2 / 3 ms
Vibration resistance DC coil (function) NO / NC contact 20 / 5 g, 30 ... 500 Hz
Shock resistance (destruction)
100 g
Category of protection
RTII - flux proof
Mounting
pcb or on socket
Mounting distance
0 mm
Resistance to soldering heat flux-proof version
270 °C / 10 s
Relay weight
14 g
Packaging unit DC coil, bistable 1 coil
20 / 500 pcs
bistable 2 coils
100 pcs
Accessories
For details see datasheet
Accessories Power Relay RT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com