Electronic Components Datasheet Search
  English  ▼

X  

LC75371M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC75371M
Description  Car Stereo Electronic Tone and Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75371M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC75371M Datasheet HTML 1Page - Sanyo Semicon Device LC75371M Datasheet HTML 2Page - Sanyo Semicon Device LC75371M Datasheet HTML 3Page - Sanyo Semicon Device LC75371M Datasheet HTML 4Page - Sanyo Semicon Device LC75371M Datasheet HTML 5Page - Sanyo Semicon Device LC75371M Datasheet HTML 6Page - Sanyo Semicon Device LC75371M Datasheet HTML 7Page - Sanyo Semicon Device LC75371M Datasheet HTML 8Page - Sanyo Semicon Device LC75371M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
No. 5348-2/17
LC75371M
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Allowable Operating Ranges at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
12
V
Maximum input voltage
VIN max
CL, DI, CE, LIN, RIN, LFIN, RFIN, L1 to L3, R1 to R3
VSS – 0.3 to VDD + 0.3
V
Allowable power dissipation
Pd max
Ta
≤ 85°C
230
mW
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–50 to +125
°C
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD
VDD
6.0
11.0
V
Input high-level voltage
VIH
CL, DI, CE
4.0
VDD
V
Input low-level voltage
VIL
CL, DI, CE
VSS
1.0
V
Input voltage amplitude
VIN
CL, DI, CE, LIN, RIN, LFIN, RFIN, L1 to L3, R1 to R3
VSS
VDD
Vp-p
Input pulse width
tøW
CL
1
µs
Setup time
tsetup
CL, DI, CE
1
µs
Hold time
thold
CL, DI, CE
1
µs
Operating frequency
fopg
CL
500
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com