Electronic Components Datasheet Search
  English  ▼

X  

SR6Z Datasheet(PDF) 2 Page - Tyco Electronics

Part # SR6Z
Description  Safety Relay on DIN-rail SR6 Z
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SR6Z Datasheet(HTML) 2 Page - Tyco Electronics

  SR6Z Datasheet HTML 1Page - Tyco Electronics SR6Z Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
Safety Relay on DIN-rail SR6 Z (Continued)
Product key
SR 6 Z
Type
Contact configuration
A
3 NO + 3 NC contacts
B
4 NO + 2 NC contacts
C
5 NO + 1 NC contacts
Coil
DC Coil code = rated coil voltage (e.g. 024=24VDC)
AC/DC coil code: 524=24VAC/VDC, 615=115VAC/VDC
AC coil code: 730=230VAC
Other types on request
Product key
Type
Contact configuration
Contact material
Coil
Part number
SR6ZA024
6-pole
3 NO + 3 NC
AgSnO2
24 VDC
7-1415033-1
SR6ZA524
safety
contacts
24 VAC/VDC
9-1415059-1
SR6ZA615
relay module
115 VAC/VDC
0-1415060-1
SR6ZA730
230 VAC
1-1415060-1
SR6ZB024
4 NO + 2 NC
24 VDC
5-1415033-1
SR6ZB524
contacts
24 VAC/VDC
2-1415060-1
SR6ZB615
115 VAC/VDC
6-1415046-1
SR6ZB730
230 VAC
3-1415060-1
SR6ZC024
5 NO + 1 NC
24 VDC
3-1415042-1
SR6ZC524
contacts
24 VAC/VDC
4-1415060-1
SR6ZC615
115 VAC/VDC
5-1415060-1
SR6ZC730
230 VAC
6-1415060-1
Dimensions
S0423-A
Fit onto mounting rails according to
DIN EN 50022 or DIN EN 50035
Module width 46 mm
Module length 87 mm
Other data
Flammability class according to UL 94
housing
V2
housing cage clamp terminals
V0
PCB
V0
relay base
V0
relay cover
V2
Ambient temperature
-25...+50 °C
Connections (according IEC)
solid wire
0.2...2.5 mm2
stranded wire
0.2...2.5 mm2
AWG
28...14
Installation position
any
Mounting
in rows with zero spacing
Type of connection
spring clamp connection
Relay weight
90 g
Packaging unit
2 pcs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com