Electronic Components Datasheet Search
  English  ▼

X  

SRC Datasheet(PDF) 1 Page - Tyco Electronics

Part # SRC
Description  Specification Grade Repeat Cycle
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SRC Datasheet(HTML) 1 Page - Tyco Electronics

  SRC Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1237
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
AGASTAT
Catalog 1308242
Issued 3-03
SRC series
Specification Grade Repeat Cycle
Plug-in Time Delay Relay
• Repeat Cycle timing mode
• Dual knobs for user adjustment of on and off times.
• 13 timing ranges from 0.1 sec. to 60 min.
• 10A DPDT output contacts
• Exceptional immunity to line transients and noise
• Premium components enhance reliability
• Superior reset time of 24 msec.
Timing Modes
Repeat Cycle: Application of line voltage starts the pre-set OFF-time period
Upon expiration of the period, the output relay is energized, its contacts
transfer, and the pre-set ON-time period begins. At the end of this period
the output relay is deenergized, and a new cycle begins. The OFF and ON
cycles continue until power is removed. To reset the timer, input voltage
must be removed for at least 25 ms.
Timing Specifications
Timing Ranges: OFF time and ON time ranges need not be the same.
6 to 180 cycles; 0.1 to 3 / 1 to 10 / 0.5 to 15 / 1 to 30 / 2 to
60 / 4 to 120 / 6 to 180 / 10 to 300 sec.; 0.33 to 10 / 0.5 to
15 / 1 to 30 / 2 to 60 min. (All are +10%, –1% of maximum
values).
Timing Adjustment: Two internal potentiometers with external knobs.
Accuracy: Repeat Accuracy:
±1% ±0.004 sec..
Overall Accuracy:
±2.25% max.
Reset Time: 25 ms. max. (between deenergization and reenergization
without affecting accuracy.)
Relay Operate Time: 20 ms.
Relay Release Time: 15 ms.
Contact Data @ 25
°C
Arrangements: 2 Form C (DPDT).
Rating: 10A @ 28VDC or 120VAC, resistive; 1/3 HP @ 120/240VAC.
Expected Mechanical Life: 10 million operations.
Expected Electrical Life: 500,000 operations, min., at rated resistive load.
Initial Dielectric Strength
Between Terminals & Case and Mutually Isolated Contacts: 1,480VAC.
Outline Dimensions
Wiring Diagram (Bottom View)
Mechanical Data
Mounting/Termination: Quick connect terminals fit either 27E121 or
27E893 (snap-on) socket (order separately).
Weight: 5.3 oz. (149g) approximately.
Environmental Data
Temperature Range: Storage: -40
°C to +85°C.
Operating: -30
°C to +65°C.
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.
Authorized distributors are likely to stock the following:
None at present.
Ordering Information
SRC
|
Series SRC
Repeat
Cycle
Timer.
2
|
Output
2 = DPDT
Relay
A
|
|
|
|
|
|
|
|
|
|
|
|
|
Operating Voltage
(+10%, –15%)
A = 120VAC, 50/60
Hz. / 120VDC
B = 240VAC, 50/60
Hz.
E = 24VAC, 50/60
Hz. / 24VDC
F = 48VAC, 50/60
Hz. / 48VDC
Q = 12VDC
C
|
Timing Range
Off-Time
A =0 .1 to 3 sec.
B = 0.5 to 15 sec.
C = 1 to 30 sec.
D = 2 to 60 sec.
E = 4 to 120 sec.
F = 6 to 180 sec.
G = 10 to 300 sec.
I = 2 to 60 min.
K = 3 to 180 cycles
L = 0.33 to 10 min.
M = 0.5 to 15 min.
N = 1 to 30 min.
P = 0.1 to 10 sec.
A
|
Timing
Adjustment
A = Dual Knob
Adjust
7
|
|
|
|
|
Operating Mode
7= Repeat Cycle
C
|
|
|
|
|
|
|
|
|
|
Timing Range
On-Time
A =0 .1 to 3 sec.
B = 0.5 to 15 sec.
C = 1 to 30 sec.
D = 2 to 60 sec.
E = 4 to 120 sec.
F = 6 to 180 sec.
G = 10 to 300 sec.
I = 2 to 60 min.
K = 3 to 180 cycles
L = 0.33 to 10 min.
M = 0.5 to 15 min.
N = 1 to 30 min.
P = 0.1 to 10 sec.
1.97
(50)
1.97
(50)
3.7 MAX.
(94)
.40
(10)
Input Data @ 25
°C
Voltage: See Ordering Information section for details.
Power Requirement: 3W, max.
Transient Protection: Non-repetitive transients of the following magni-
tudes will not cause spurious operation of affect function and accuracy.
Operating Voltage
<0.1 ms
<1 ms
12VDC
1,000V
240V*
24VAC/VDC
1,000V
240V*
48 VAC/VDC
1,000V
480V*
120 VAC/VDC
3,000V
2,500V*
240VAC
3,000V
2,500V*
* Minimum source impedance of 100 ohm.


Similar Part No. - SRC

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
SRC MERITEK-SRC Datasheet
474Kb / 2P
Anti-Surge Resistor
logo
Ningbo songle relay co....
SRC SONGLERELAY-SRC Datasheet
3Mb / 2P
Miniature volume, PCB usage
logo
Sanyou Corporation Limi...
SRC SANYOU-SRC Datasheet
180Kb / 3P
Miniature Power Relay
logo
Maxtena Inc.
SRC-01 MAXTENA-SRC-01 Datasheet
831Kb / 2P
SMALL I-BAR DSRC ANTENNA
Rev 1.1
logo
List of Unclassifed Man...
SRC-01(T)-** ETC2-SRC-01(T)-** Datasheet
232Kb / 8P
Crimping tools and machines
More results

Similar Description - SRC

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
FX707 CMLMICRO-FX707 Datasheet
103Kb / 2P
AUTOMATIC REPEAT TONE ENCODER
logo
Tyco Electronics
SSC MACOM-SSC Datasheet
164Kb / 1P
Specification Grade Discrete Plug-in
VTM7 MACOM-VTM7 Datasheet
180Kb / 1P
Repeat Cycle Timing Module
logo
List of Unclassifed Man...
AF512CFI-7ACXP ETC1-AF512CFI-7ACXP Datasheet
1Mb / 68P
ATP Industrial Grade CompactFlashCard Specification
AF512UFEDBK ETC1-AF512UFEDBK Datasheet
163Kb / 6P
ATP Industrial Grade Endura Specification
logo
Unisonic Technologies
UC2000DG-AG6-R UTC-UC2000DG-AG6-R Datasheet
202Kb / 5P
Cycle-by-Cycle current limiting
logo
ZF Friedrichshafen AG
DB3C-C1AA ZFSWITCHES-DB3C-C1AA Datasheet
279Kb / 2P
Precision switch with high repeat accuracy
logo
Schneider Electric
9050JCK5F1V20 SCHNEIDER-9050JCK5F1V20 Datasheet
120Kb / 2P
Timing Relay, Type JCK, plug In, repeat cycle, fixed time, 1 second, 10A, 240 VAC, 120 VAC/110 VDC
Aug 27, 2021
9050JCK53V20 SCHNEIDER-9050JCK53V20 Datasheet
128Kb / 2P
Timing Relay, Type JCK, plug In, repeat cycle, adjustable time, 0.6 to 60 seconds, 10A, 240 VAC, 120 VAC/110 VDC
Aug 27, 2021
9050JCK55V20 SCHNEIDER-9050JCK55V20 Datasheet
129Kb / 2P
Timing Relay, Type JCK, plug In, repeat cycle, adjustable time, 1.8 to 180 seconds, 10A, 240 VAC, 120 VAC/110 VDC
Aug 27, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com