Electronic Components Datasheet Search
  English  ▼

X  

VTM7 Datasheet(PDF) 1 Page - Tyco Electronics

Part # VTM7
Description  Repeat Cycle Timing Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

VTM7 Datasheet(HTML) 1 Page - Tyco Electronics

  VTM7 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1247
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
AGASTAT
Catalog 1308242
Issued 3-03
VTM7 series
Repeat Cycle
Timing Module
• Repeat cycle timing mode
• Independently adjustable On and Off times.
• Reliable solid state timing circuitry.
• Excellent transient protection.
• Compact design.
• Flame retardant, solvent resistant housing.
File E60363
File LR33434
Timing Mode
Repeat Cycle.
Timing Specifications
Timing Ranges: 0.5 to 10 / 3 to 60 sec.; 3 to 60 min.
Timing Adjustment: External resistor or potentiometer. An external
resistance of 1 megohm is required to obtain the
maximum time for all ranges. To determine the actual
resistance needed to obtain the required time delay,
use the following formula:
Rt =
(
) x 1,000,000 ohms
Accuracy: Repeat Accuracy:
±1%
Overall Accuracy:
±2% at R = 1 megohm.
Reset Time: 500 ms.
Output Switch Data
Arrangement: Solid state 1 Form A (SPST-NO).
Rating: 1A, inductive, at nominal operating voltage.
Expected Electrical Life: 100,000,000 operations at rated load.
Outline Dimensions
Wiring Diagram
Mechanical Data
Mounting: Panel mount with one #8 screw.
Termination: 0.250 in (6.35) quick connect terminals.
Weight: 4 oz. (112g) approximately.
Environmental Data
Temperature Range: Storage: -40
°C to +85°C.
Operating: -40
°C to +65°C.
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.
Ordering Information
Authorized distributors are likely to stock the following:
None at present.
Initial Dielectric Strength
Between Terminals and Mounting: 3,000VAC rms.
Between Input and Output: 1,500VAC rms.
Treq - Tmin
Tmax - Tmin
An external resistance of 1 megohm is
required to obtain the maximum time
for all ranges. To determine the actual
resistance needed to obtain the
required time delay, use the following
formula:
Rt =
(
)x 1,000,000 ohms
Treq - Tmin
Tmax - Tmin
VTM7
A
CD
||
|
Series VTM7
Input Voltage
Time Range
Repat Cycle
A = 120VAC/VDC
CD = 0.5 - 10 sec.
Timing Module
E = 24VAC/VDC
DD = 3 - 60 sec.
Q = 12VAC/VDC
GD = 3 - 60 min.
Input Data @ 25
°C
Voltage:(
±10%): 12 VAC/VDC, 24VAC/VDC, 120 VAC/VDC.
Power Requirement: 4W, with rated load.
Transient Protection: Non-repetitive transients of the following magni-
tudes will not cause spurious operation of affect function and accuracy.
Operating Voltage
<0.1 ms
<1 ms
12, 24 VAC/VDC
860V*
208V*
120 VAC/VDC
2,580V
2,150V*
* Min. source impedance of 100 ohms.
Current Drain: Less than 5mA.
2.00
(50.8)
2.00
(50.8)
.170 DIA (4.32)
ACCEPTS #8 SCREW
.250 (6.35) X .032 (.813)
QUICK CONNECTS
1.25
(31.8)
.885
(22.5)
LOAD
INPUT
VOLTAGE
6
1
2
5
3
4
R
7
POLARITY SHOWN
FOR DC
MODELS
t
Rt
OFF
ON


Similar Part No. - VTM7

ManufacturerPart #DatasheetDescription
logo
ETA-USA
VTM-00A ETA-USA-VTM-00A Datasheet
727Kb / 4P
12.5 WATT AC-DC CONVERTER
VTM-00B ETA-USA-VTM-00B Datasheet
523Kb / 3P
12.5 WATT AC-DC CONVERTER
logo
Tyco Electronics
VTM-1 MACOM-VTM-1 Datasheet
186Kb / 1P
Specification Grade, On-Delay Timing Module
logo
TE Connectivity Ltd
VTM-1 TEC-VTM-1 Datasheet
171Kb / 1P
n On-delay timing mode
logo
Communications & Power ...
VTM-6096R1 CPI-VTM-6096R1 Datasheet
84Kb / 1P
12 W, CW Helix TWT Series
More results

Similar Description - VTM7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SRC MACOM-SRC Datasheet
156Kb / 1P
Specification Grade Repeat Cycle
logo
Schneider Electric
9050JCK5F1V20 SCHNEIDER-9050JCK5F1V20 Datasheet
120Kb / 2P
Timing Relay, Type JCK, plug In, repeat cycle, fixed time, 1 second, 10A, 240 VAC, 120 VAC/110 VDC
Aug 27, 2021
9050JCK51V20 SCHNEIDER-9050JCK51V20 Datasheet
129Kb / 2P
Timing Relay, Type JCK, plug In, repeat cycle, adjustable time, 0.1 to 10 seconds, 10A, 240 VAC, 120 VAC/110 VDC
Aug 27, 2021
9050JCK52V20 SCHNEIDER-9050JCK52V20 Datasheet
126Kb / 2P
Timing Relay, Type JCK, plug In, repeat cycle, adjustable time, 0.3 to 30 seconds, 10A, 240 VAC, 120 VAC/110 VDC
Aug 27, 2021
9050JCK53V20 SCHNEIDER-9050JCK53V20 Datasheet
128Kb / 2P
Timing Relay, Type JCK, plug In, repeat cycle, adjustable time, 0.6 to 60 seconds, 10A, 240 VAC, 120 VAC/110 VDC
Aug 27, 2021
9050JCK54V20 SCHNEIDER-9050JCK54V20 Datasheet
128Kb / 2P
Timing Relay, Type JCK, plug In, repeat cycle, adjustable time, 1.2 to 120 seconds, 10A, 240 VAC, 120 VAC/110 VDC
Aug 27, 2021
9050JCK55V20 SCHNEIDER-9050JCK55V20 Datasheet
129Kb / 2P
Timing Relay, Type JCK, plug In, repeat cycle, adjustable time, 1.8 to 180 seconds, 10A, 240 VAC, 120 VAC/110 VDC
Aug 27, 2021
9050JCK56V20 SCHNEIDER-9050JCK56V20 Datasheet
128Kb / 2P
Timing Relay, Type JCK, plug In, repeat cycle, adjustable time, 0.1 to 10 minutes, 10A, 240 VAC, 120 VAC/110 VDC
Aug 27, 2021
9050JCK57V20 SCHNEIDER-9050JCK57V20 Datasheet
125Kb / 2P
Timing Relay, Type JCK, plug In, repeat cycle, adjustable time, 0.3 to 30 minutes, 10A, 240 VAC, 120 VAC/110 VDC
Aug 27, 2021
9050JCK58V20 SCHNEIDER-9050JCK58V20 Datasheet
128Kb / 2P
Timing Relay, Type JCK, plug In, repeat cycle, adjustable time, 0.6 to 60 minutes, 10A, 240 VAC, 120 VAC/110 VDC
Aug 27, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com