Electronic Components Datasheet Search
  English  ▼

X  

LC7537 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC7537
Description  Electronic Volume Control System for Audio Equipment
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7537 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC7537 Datasheet HTML 1Page - Sanyo Semicon Device LC7537 Datasheet HTML 2Page - Sanyo Semicon Device LC7537 Datasheet HTML 3Page - Sanyo Semicon Device LC7537 Datasheet HTML 4Page - Sanyo Semicon Device LC7537 Datasheet HTML 5Page - Sanyo Semicon Device LC7537 Datasheet HTML 6Page - Sanyo Semicon Device LC7537 Datasheet HTML 7Page - Sanyo Semicon Device LC7537 Datasheet HTML 8Page - Sanyo Semicon Device LC7537 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
No. 2169-4/11
LC7537N, 7537AN, 7537NE
Pin No.
Symbol
Description of Functions
Remarks
8(2)
L-VSS
35(35)
R-VSS
42(42)
INIT
22(20)
CE
20(16)
DI
21(17)
CLK
1(43)
VDD
23(21)
VCC
19(15)
VSS
24(22)
VEE
2(3, 7)
41(18, 30,
NC
34, 41, 44)
(19)
VDD(NC)
Main volume control block fader control common terminals. The impedance of pattern
connected to these pins should be as low as possible. Since L–VSS (R–VSS) and VSS
have not been connected inside the LSI, they should be connected together on the outside
in conformance with their individual specifications. Particular attenuation should be paid to
the capacitance assigned to the capacitors put between L–VSS (R–VSS) and VSS, which
will emerge as a residual resistive component when control is turned down for maximum
attenuation.
Intra-IC latch resetting terminal
Control-setting data at the internal latch will be indeterminate when power has just been
switched on, so that by engaging the “L” level of this pin at power-on, the fader control
may be set at its –
∞ position and muting behaviour is engaged (Note: V
DD to VEE Level).
Chip enable terminal. When this pin is made “H” to “L”, data is written in the internal latch,
activating the various analog switches. When the “H” level is then restored, transfer of the
data will be enabled.
Input terminals for serial data and clock that serve control purposes.
Continued from preceding page.
These pins are connected to the relevant power supplies. Exercise caution against VCC
rising earlier than VDD.
No connect pins. Absolutely nothing should be connected here.
LC7537AN and
LC7537NE only
VDD subterminal. Connected to VDD or left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com