Electronic Components Datasheet Search
  English  ▼

X  

33810 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33810
Description  Automotive Engine Control IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33810 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33810 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33810
PIN CONNECTIONS
PIN CONNECTIONS
GND
OUT0
FB0
GD0
CS
SCLK
SI
SO
VDD
OUTEN
DIN0
DIN1
DIN2
DIN3
GD1
FB1
OUT1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
OUT2
FB2
GD2
MAXI
NOMI
RSN
RSP
VPWR
GIN0
GIN1
GIN2
GIN3
SPKDUR
GD3
FB3
OUT3
Figure 3. 33810 Pin Connections
Table 1. 33810 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 13.
Pin Number
Pin Name
Pin Function
Formal Name
Definition
8
VDD
Input
Digital Logic Supply
Voltage
The VDD input supply voltage determines the interface voltage levels
between the device and the MCU, and is used to supply power to the
Serial Out buffer (SO), SPKDUR buffer, MAXI, NOMI, and pull-up current
source for the Chip Select (CS).
6
SI
Input
Serial Input Data
The SI input pin is used to receive serial data from the MCU.
5
SCLK
Input
Serial Clock Input
The SCLK input pin is used to clock in and out the serial data on the SI
and SO pins, while being addressed by the CS.
4
CS
Input
Chip Select
The Chip Select input pin is an active low signal sent by the MCU to
indicate that the device is being addressed. This input requires CMOS
logic levels and has an internal active pull-up current source.
7
SO
Output
Serial Output Data
The SO output pin is used to transmit serial data from the device to the
MCU.
10, 11, 12, 13 DIN0,DIN1,
DIN2,DIN3
Input
Driver Input 0, Driver
Input 1, Driver Input 2,
Driver Input 3
Active HIGH input control for injector outputs OUT0 - 3. The parallel input
data is logically OR’d with the corresponding SPI input data register
contents.
24, 23, 22, 21 GIN0,GIN1,
GIN2,GIN3
Input
Gate Driver Input 0
Gate Driver Input 1
Gate Driver Input 2
Gate Driver Input 3
These pins are the active HIGH input control for IGBT/General Purpose
Gate Driver outputs 0 - 3. The parallel input data is logically OR'd with the
corresponding SPI input data register contents in General Purpose Mode
Only.
20
SPKDUR
Output
Spark Duration Output This pin is the Spark Duration Output. This open drain output is low while
feedback inputs FB0 through FB3 are above the programmed spark
detection threshold.
25
VPWR
Input
Analog Supply Voltage VPWR is the main voltage input for all internal analog bias circuitry.
Exposed Pad
(bottom of
package)
GND
Ground
Ground
The exposed pad is the only ground reference for analog, digital and
power ground connections. As such, it must be soldered directly to a low
impedance ground plane for both electrical and thermal considerations.
For more information about this package, please see application note
AN2409 on the Freescale Website, www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com