Electronic Components Datasheet Search
  English  ▼

X  

LC75392 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC75392
Description  Single-Chip Electronic Volume Control System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75392 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC75392 Datasheet HTML 1Page - Sanyo Semicon Device LC75392 Datasheet HTML 2Page - Sanyo Semicon Device LC75392 Datasheet HTML 3Page - Sanyo Semicon Device LC75392 Datasheet HTML 4Page - Sanyo Semicon Device LC75392 Datasheet HTML 5Page - Sanyo Semicon Device LC75392 Datasheet HTML 6Page - Sanyo Semicon Device LC75392 Datasheet HTML 7Page - Sanyo Semicon Device LC75392 Datasheet HTML 8Page - Sanyo Semicon Device LC75392 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
No. 5681-2/12
LC75392, 75392M
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
VDD
5.5
11.0
V
Input high-level voltage
VIH
CL, DI, CE
4.0
VDD
V
Input low-level voltage
VIL
CL, DI, CE
VSS
1.0
V
Input voltage amplitude
VIN
L1, L2, L3, L4, R1, R2, R3, R4
VSS
VDD
Vp-p
Input pulse width
tøW
CL
1.0
µs
Setup time
tsetup
CL, DI, CE
1.0
µs
Hold time
thold
CL, DI, CE
1.0
µs
Operating frequency
fopg
CL
500
kHz
Allowable Operating Ranges at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[Input Block]
Input resistance
Rin
L1, L2, L3, L4, R1, R2, R3, R4
500
k
Ω
[Overall]
THD1
VIN = 100 mV rms, f = 1 kHz,
0.013
%
Total harmonic distortion
overall, buffer mode off, flat state
THD2
VIN = 100 mV rms, f = 20 kHz,
0.013
%
overall, buffer mode off, flat state
Crosstalk
CT
VIN = 1 V rms, f = 1 kHz, overall, Rg = 1 kΩ,
81
dB
buffer mode off, flat state
Output at maximum attenuation
VO min
VIN = 1 V rms, f = 1 kHz, main volume set to
–80
dB
–
∞, buffer mode on
VN1
Flat overall (IHF-A), Rg = 1 k
Ω,
15
µV
Output noise voltage
buffer mode off, flat state
VN2
Flat overall (DIN-AUDIO), Rg = 1 k
Ω,
22
µV
buffer mode off, flat state
Current drain
IDD
VDD – VSS = 11 V
7
10
mA
Input high-level current
IIH
CL, DI, CE, VIN = 10 V
10
µA
Input low-level current
IIL
CL, DI, CE, VIN = 0 V
–10
µA
Electrical Characteristics at Ta = 25°C, VDD = 10 V, VSS = 0 V
Equivalent Circuit Block Diagram
Latch
Decoder
Shift register
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com