Electronic Components Datasheet Search
  English  ▼

X  

LC75394 Datasheet(PDF) 12 Page - Sanyo Semicon Device

Part # LC75394
Description  Single-Chip Electronic Volume Control System
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75394 Datasheet(HTML) 12 Page - Sanyo Semicon Device

Back Button LC75394 Datasheet HTML 8Page - Sanyo Semicon Device LC75394 Datasheet HTML 9Page - Sanyo Semicon Device LC75394 Datasheet HTML 10Page - Sanyo Semicon Device LC75394 Datasheet HTML 11Page - Sanyo Semicon Device LC75394 Datasheet HTML 12Page - Sanyo Semicon Device LC75394 Datasheet HTML 13Page - Sanyo Semicon Device LC75394 Datasheet HTML 14Page - Sanyo Semicon Device LC75394 Datasheet HTML 15Page - Sanyo Semicon Device LC75394 Datasheet HTML 16Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
• Calculation example
Specifications: Central frequency, FO = 107 Hz
Q factor at maximum boost, Q+10 dB = 0.8
— Calculate QO, the sharpness of the simulated inductance itself.
QO = (R1 + R4)/R1 × Q+10dB
Note: R4 is from the separately issued internal block diagram.
≠ 4.270
— Calculate C1
C1 = 1/2
πF
OR1QO ≠ 0.536 (µF)
— Calculate C2
C2 = QO/2πFOR2 ≠ 0.021 (µF)
• Sample results
• Shelving characteristics (Band F5)
Achieving the desired control of 2-dB steps over the range between +10 dB to –10 dB requires choosing a
capacitor, C3, with an impedance of 650
Ω.
No. 5466-12/17
LC75394NE
Central frequency
C1
C2
FO (Hz)
(F)
(F)
107
0.536 µ
0.021 µ
340
0.169 µ
6663 P
1070
0.054 µ
2117 P
3400
0.017 µ
666 P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com